Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 26Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 27Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 28Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 29Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 30Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 31Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 32Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 33Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 2-8. RESET and JTAG Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
RESET
IPU
RESET
L4
I
This is the active low global reset input.
DVDD18
JTAG
IPU
TMS
E6
I
JTAG test-port mode select input
DVDD18
–
TDO
B5
O/Z
JTAG test-port data output
DVDD18
IPU
TDI
A5
I
JTAG test-port data input
DVDD18
IPU
TCK
A6
I
JTAG test-port clock input
DVDD18
–
RTCK
B6
O/Z
JTAG test-port return clock output
DVDD18
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE 1149.1
IPD
TRST
D7
I
JTAG compatibility statement portion of this data manual (Section 6.26, IEEE
DVDD18
1149.1 JTAG).
IPU
EMU1
C6
I/O/Z
Emulation pin 1
DVDD18
IPU
EMU0
D6
I/O/Z
Emulation pin 0
DVDD18
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = internal pulldown, IPU = internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Table 2-9. EMIFA Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EMIFA BOOT CONFIGURATION
This pin is multiplexed between EMIFA and the VPBE. At reset, the input state is
COUT2/
sampled to set the EMIFA data bus width (EM_WIDTH). For an 8-bit-wide EMIFA
IPD
B5/
A17
I/O/Z
data bus, EM_WIDTH = 0. For a 16-bit-wide EMIFA data bus, EM_WIDTH = 1.
DVDD18
EM_WIDTH
After reset, it is video encoder output COUT2 or RGB666/888 Blue output data bit 5
B5.
This pin is multiplexed between DSP boot and the VPBE. At reset, the input state is
COUT3/
sampled to set the DSP boot source DSP_BT. The DSP is booted by the ARM when
IPD
B6/
B17
I/O/Z
DSP_BT=0. The DSP boots from EMIFA when DSP_BT=1.
DVDD18
DSP_BT
After reset, it is video encoder output COUT3 or RGB666/888 Blue data bit 6 output
B6.
YOUT0/
IPD
G5/
D15
I/O/Z
DVDD18
AEAW0
YOUT1/
IPD
G6/
D16
I/O/Z
DVDD18
AEAW1
These pins are multiplexed between EMIFA and the VPBE. At reset, the input states
YOUT2/
of AEAW[4:0] are sampled to set the EMIFA address bus width. See Section 3.4.2,
IPD
G7/
D17
I/O/Z
Peripheral Selection at Device Reset, for details.
DVDD18
AEAW2
After reset, these are video encoder outputs YOUT[0:4] or RGB666/888 Red and
Green data bit outputs G5, G6, G7, R3, and R4.
YOUT3/
IPD
R3/
D18
I/O/Z
DVDD18
AEAW3
YOUT4/
IPD
R4/
E15
I/O/Z
DVDD18
AEAW4
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
30
Device Overview
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com