Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 63 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 59Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 60Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 61Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 62Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 63Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 64Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 65Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 66Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
3
Device Configurations
3.1
System Module Registers
The system module includes status and control registers required for configuration of the device. Brief
descriptions of the various registers are shown in Table 3-1. System module registers required for device
configurations are discussed in the following sections.
Table 3-1. System Module Register Memory Map
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C4 0000
PINMUX0
Pin multiplexing control 0. See Section 3.5.4, PINMUX0 Register Description,
for details.
0x01C4 0004
PINMUX1
Pin multiplexing control 1. See Section 3.5.5, PINMUX1 Register Description,
for details.
0x01C4 0008
DSPBOOTADDR
Boot address of DSP. See Section 3.3.1.2, DSPBOOTADDR Register
Description, for details.
0x01C4 000C
SUSPSRC
Emulator Suspend Source. See Section 3.6, Emulation Control, for details.
0x01C4 0010
INTGEN
ARM/DSP Interrupt Status and Control. See Section 6.7.3, ARM/DSP
Communications Interrupts, for details.
0x01C4 0014
BOOTCFG
Device boot configuration. See Section 3.3.1.1, BOOTCFG Register
Description, for details.
0x01C4 0018 - 0x01C4 0027
Reserved
0x01C4 0028
JTAGID
JTAGID/Device ID number. See Section 6.26.1, JTAG Peripheral Register
Description(s) – JTAG ID Register, for details.
0x01C4 002C
Reserved
0x01C4 0030
HPI_CTL
HPI control. See Section 3.5.6.10, HPI and EMIFA/ATA Pin Multiplexing, for
details.
0x01C4 0034
USBPHY_CTL
USB PHY control. See Section 6.14.1, USBPHY_CTL Register Description,
for details.
0x01C4 0038
CHP_SHRTSW
Chip shorting switch control. See Section 3.2.1, Power Configurations at
Reset, for details.
0x01C4 003C
MSTPRI0
Bus master priority control 0. See Section 3.5.1, Switched Central Resource
(SCR) Bus Priorities, for details.
0x01C4 0040
MSTPRI1
Bus master priority control 1. See Section 3.5.1, Switched Central Resource
(SCR) Bus Priorities, for details.
0x01C4 0044
VPSS_CLKCTL
VPSS clock control.
0x01C4 0048
VDD3P3V_PWDN
VDD 3.3V I/O powerdown control. See Section 3.2.2, Power Configurations
after Reset, for details.
0x01C4 004C
DRRVTPER
Enables access to the DDR2 VTP register.
0x01C4 0050 - 0x01C4 006F –
Reserved
3.2
Power Considerations
Global device power domains are controlled by the power and sleep controller, except as shown in the
following sections.
Copyright © 2006–2010, Texas Instruments Incorporated
Device Configurations
63
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com