Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 51 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 47Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 48Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 49Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 50Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 51Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 52Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 53Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 54Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 2-26. HPI Terminal Functions
SIGNAL
TYPE(1)
OTHER(1) (2)
DESCRIPTION
NAME
NO.
Host-Port Interface (HPI)
For EMIFA, this pin is Chip Select 3 output.
EM_CS3
B1
I/O/Z
DVDD18
In HPI mode, this pin must be pulled high via an external 10-k
Ω resistor.
This pin is multiplexed between EMIFA, ATA/CF, and HPI. For EMIFA, this is the
Bank Address 0 output EM_BA[0]. When connected to an 8-bit asynchronous
EM_BA[0]/
memory, this pin is the lowest order bit of the byte address. When connected to a
DA0/
J3
I/O/Z
DVDD18
16-bit asynchronous memory, this pin has the same function as EMIF address pin
HINT
22 EM_A[22].
For ATA/CF, it is Device address bit 0 output DA0.
In HPI mode, it is the host interrupt output HINT.
This pin is multiplexed between EMIFA, ATA/CF, HPI, and GPIO. For EMIFA, this is
Address output EM_A[0], which is the least significant bit on a 32-bit word address.
When connected to a 16-bit asynchronous memory, this pin is the 2nd bit of the
EM_A[0]/
address. For an 8-bit asynchronous memory, this pin is the 3rd bit of the address.
DA2/
J4
I/O/Z
DVDD18
For ATA/CF, it is Device address bit 2 output DA2.
HCNTL1/
For HPI, it is control input HCNTL1. The state of HCNTL1 and HCNTL0 determine if
GPIO53
address, data, or control information is being transmitted between an external host
and DM6441.
In GPIO mode, it is GPIO53.
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), and HPI. For
EMIFA, this pin is the EM_A[2] address line.
EM_A[2]/
For NAND/SmartMedia/xD, this pin is the Command Latch Enable output (CLE).
(CLE)/
J1
I/O/Z
DVDD18
In HPI mode, it is control input HCNTL0. The state of HCNTL1 and HCNTL0
HCNTL0
determine if address, data, or control information is being transmitted between an
external host and DM6441.
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), and HPI. When
EM_A[1]/
used for EMIFA, it is address output EM_A[1].
(ALE)/
J2
I/O/Z
DVDD18
For NAND/SmartMedia/xD, it is Address Latch Enable output (ALE).
HHWIL
In HPI mode, it is Half-word identification input HHWIL.
This pin is multiplexed between EMIFA, ATA/CF, and HPI. For EMIFA, it is EMIF
EM_R/W/
read/write output EM_R/W.
INTRQ/
G3
I/O/Z
DVDD18
For ATA/CF, it is interrupt request input INTRQ.
HR/W
For HPI, it is the Host Read Write input HR/W. This signal is active high for reads
and low for writes.
This pin is multiplexed between EMIFA and HPI. For EMIFA, this pin is Chip Select
EM_CS2/
2 output EM_CS2 for use with asynchronous memories (i.e. NOR flash) or NAND
C2
I/O/Z
DVDD18
HCS
flash. This is the chip select for the default boot and ROM boot modes.
In HPI mode, this pin is HPI Active Low Chip Select input HCS.
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
EM_WE
For EMIFA, it is write enable output EM_WE.
(WE)
For NAND/SmartMedia/xD, it is write enable output (WE).
(IOWR)/
G2
I/O/Z
DVDD18
For CF, it is write strobe output (IOWR).
DIOW/
For ATA, it is write strobe output DIOW.
HDS2
For HPI, it is data strobe 2 input HDS2.
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
EM_OE/
For EMIFA, it is output enable output EM_OE.
(RE)/
For NAND/SmartMedia/xD, it is read enable output (RE).
(IORD)/
H4
I/O/Z
DVDD18
For CF, it is read strobe output (IORD).
DIOR/
For ATA, it is read strobe output DIOR.
HDS1
For HPI, it is data strobe 1 input HDS1.
This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI.
EM_WAIT/
For EMIFA, it is wait state extension input EM_WAIT.
(RDY/BSY)/
IPU
F1
I/O/Z
For NAND/SmartMedia/xD, it is ready/busy input (RDY/BSY).
IORDY/
DVDD18
For ATA/CF, it is IO Ready input IORDY.
HRDY
For HPI, it is ready output HRDY.
(1)
IPD = internal pulldown, IPU = internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(2)
Specifies the operating I/O supply voltage for each signal
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
51
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com