Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 5Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 6Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 7Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 8Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 9Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 10Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 11Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 12Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
TMS320DM6441 Revision History (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 6.12
•
Added "SDIO is only supported for WLAN operation through TI third parties ..." paragraph
MMC/SD/SDIO
Section 6.12.1
Table 6-43, MMC/SD/SDIO Register Descriptions:
MMC/SD/SDIO
•
Updated/changed 0x01E1 0064 from "SDIO" to "SDIOCTL (SDIO Control Register)"
Peripheral
•
Updated/changed 0x01E1 0068 from "SDIO" to "SDIOST0 (SDIO Status Register 0)"
Description(s)
•
Updated/changed 0x01E1 006C from "SDIO" to "SDIOIEN (SDIO Interrupt Enable Register)"
•
Updated/changed 0x01E1 0070 from "Reserved" to "SDIOIST (SDIO Interrupt Status Register)"
Section 6.13.1.6
Table 6-53, Timing Requirements for VPFE PCLK Master/Slave Mode:
VPFE Electrical
•
Parameter 1 [tc(PCLK)]: Removed MAX value of 160 ns [Cleared Documentation Feedback Issue]
Data/Timing
Section 6.13.2.3
Table 6-63, Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
VPBE Electrical
Data Output With Respect to VCLK:
Data/Timing
•
Updated/changed PARAMETER NO. 22 to "Delay time, VCLKIN low to VCLK low" [Cleared
Documentation Feedback Issue]
Section 6.13.2.4
•
Updated/changed "The DM6441's analog video DAC outputs are designed to drive ..." paragraph
DAC Electrical
Data/Timing
Section 6.14.3
Table 6-68, Switching Characteristics Over Recommended Operating Conditions for USB2.0:
USB2.0 Electrical
•
Parameter 5 [tjr(source)NT], HIGH SPEED 480 Mbps:
Data/Timing
–
MAX column: Added footnote reference
Section 6.25.1
Table 6-116, Timing Requirements for Host-Port Interface Cycles:
Host-Port Interface
•
Updated/changed the P = 1/CPU clock frequency in ... footnote from "P = 1.48" to "P = 2.47" ns
(HPI) Electrical
[Cleared Documentation Feedback Issue]
Data/Timing
Section 6.26
•
Removed "TRST is synchronous and must be clocked by TCK ..." NOTE
IEEE 1149.1 JTAG
•
Added Note about the sequencing of all the JTAG signals [Cleared Documentation Feedback Issue]
Section 6.26.1
•
Updated/changed "The JTAG ID register is a read-only register ..." paragraph
JTAG Peripheral
Figure 6-83, JTAG ID Register Description - DM6441 Register Value - 0xXB70 002F:
Register Description(s)
– JTAG ID Register
•
Updated/changed footnote
Table 6-119, JTAG ID Register Selection Bit Descriptions:
•
Updated/changed DESCRIPTION of Bits 31:28 (VARIANT)
Copyright © 2006–2010, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com