| Electronic Components Datasheet Search |
|
TNETV1647GSTZWT Datasheet(PDF) 48 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT Datasheet(HTML) 48 Page - Texas Instruments |
|
48 / 236 page ![]() TMS320DM6441 SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 www.ti.com Table 2-23. PWM0, PWM1, PWM2 Terminal Functions SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. PWM2 PWM2/ This pin is multiplexed between PWM2, VPBE, and GPIO. B2/ A15 I/O/Z DVDD18 For PWM2, it is output PWM2. GPIO47 PWM1 PWM1/ This pin is multiplexed between PWM1, VPBE, and GPIO. R2/ B15 I/O/Z DVDD18 For PWM1, it is output PWM1. GPIO46 PWM0 PWM0/ This pin is multiplexed between PWM0 and GPIO. C15 I/O/Z DVDD18 GPIO45 For PWM0, it is output PWM0. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) Specifies the operating I/O supply voltage for each signal Table 2-24. ATA/CF Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. ATA/CF SPI_EN1/ This pin is multiplexed between SPI, ATA, and GPIO. HDDIR/ B2 I/O/Z DVDD18 For ATA, it is buffer direction control output HDDIR. GPIO42 GPIO50/ This pin is multiplexed between GPIO and ATA/CF. J5 O DVDD18 ATA_CS0 In ATA mode, it is ATA/CF chip select output ATA_CS0. GPIO51/ This pin is multiplexed between GPIO and ATA/CF. H1 O DVDD18 ATA_CS1 In ATA mode, it is ATA/CF chip select output ATA_CS1. EM_R/W/ This pin is multiplexed between EMIFA, ATA/CF, and HPI. INTRQ/ G3 I DVDD18 For ATA/CF, it is interrupt request input INTRQ. H/W EM_WAIT/ (RDY/BSY)/ IPU This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. F1 I IORDY/ DVDD18 For ATA/CF, it is IO Ready input IORDY. HRDY EM_OE/ ( RE )/ This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. ( IORD )/ H4 O DVDD18 For CF, it is read strobe output (IORD). DIOR/ For ATA, it is read strobe output DIOR. HDS1 EM_WE (WE) This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. (IOWR)/ G2 O DVDD18 For CF, it is write strobe output (IOWR). DIOW/ For ATA, it is write strobe output DIOW. HDS2 DMACK/ This pin is multiplexed between ATA/CF and UART1. H3 O DVDD18 UART_TXD1 For ATA/CF, it is DMA acknowledge output DMACK. DMARQ/ IPD This pin is multiplexed between ATA/CF and UART1. G1 O UART_RXD1 DVDD18 For ATA/CF, it is DMA request DMARQ input. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) (3) Specifies the operating I/O supply voltage for each signal 48 Device Overview Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |