| Electronic Components Datasheet Search |
|
TNETV1647GSTZWT Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 236 page ![]() TMS320DM6441 SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 www.ti.com Table 2-17. USB Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. Core Power supply LDO output for USB phy. This must be connected via a 1-mF capacitor to VSS. USB_VDDA1P2LDO G18 S (3) When the USB peripheral is not used, the USB_VDDA1P2LDO signal should still be connected via a 1-mF capacitor to VSS. Core Ground for USB phy. This is the ground for the LDO and must be connected to VSS. USB_VSSA1P2LDO G17 GND (3) When the USB peripheral is not used, the USB_VSSA1P2LDO signal should still be connected to VSS. Table 2-18. VLYNQ Terminal Functions SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. VLYNQ EM_CS5/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO8/ T1 I/O/Z DVDD18 For VLYNQ, it is the clock (VLYNQ_CLOCK). VLYNQ_CLOCK EM_CS4/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO9/ T2 I/O/Z DVDD18 For VLYNQ, it is the serial clock run request (VLYNQ_SCRUN). VLYNQ_SCRUN EM_A[15]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO16/ P3 I/O/Z DVDD18 For VLYNQ, it is transmit bus bit 3 output VLYNQ_TXD3. VLYNQ_TXD3 EM_A[17]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO14/ R2 I/O/Z DVDD18 For VLYNQ, it is transmit bus bit 2 output VLYNQ_TXD2. VLYNQ_TXD2 EM_A[19]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO12/ R4 I/O/Z DVDD18 For VLYNQ, it is transmit bus bit 1 output VLYNQ_TXD1. VLYNQ_TXD1 EM_A[21]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO10/ T3 I/O/Z DVDD18 For VLYNQ, it is bit 0 of the transmit bus (VLYNQ_TXD0). VLYNQ_TXD0 EM_A[14]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO17/ P4 I/O/Z DVDD18 For VLYNQ, it is receive bus bit 3 input VLYNQ_RXD3. VLYNQ_RXD3 EM_A[16]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO15/ R5 I/O/Z DVDD18 For VLYNQ, it is receive bus bit 2 input VLYNQ_RXD2. VLYNQ_RXD2 EM_A[18]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO13/ P5 I/O/Z DVDD18 For VLYNQ, it is receive bus bit 1 input VLYNQ_RXD1. VLYNQ_RXD1 EM_A[20]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO11/ R3 I/O/Z DVDD18 For VLYNQ, it is receive bus bit 0 input VLYNQ_RXD0. VLYNQ_RXD0 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) Specifies the operating I/O supply voltage for each signal 42 Device Overview Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |