Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 45 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 41Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 42Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 43Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 44Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 45Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 46Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 47Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 48Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 2-20. VPBE Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
DESCRIPTION
(3)
NAME
NO.
VIDEO OUT (VPBE)
IPD
HSYNC
C17
I/O/Z
VPBE horizontal sync output
DVDD18
IPD
VSYNC
C18
I/O/Z
VPBE vertical sync output
DVDD18
VCLK
D19
I/O/Z
DVDD18
VPBE clock output
IPD
VPBECLK
C19
I/O/Z
VPBE clock input
DVDD18
COUT0/
This pin is multiplexed between ARM boot mode and the VPBE.
IPD
B3/
A16
I/O/Z
After reset, this pin is either video encoder outputs COUT0, or
DVDD18
BTSEL0
RGB666/888 Blue output data bits 3, B3.
COUT1/
This pin is multiplexed between ARM boot mode and the VPBE.
IPD
B4/
B16
I/O/Z
After reset, this pin is either video encoder outputs COUT1, or
DVDD18
BTSEL1
RGB666/888 Blue output data bits 4, B4.
COUT2/
This pin is multiplexed between EMIFA and the VPBE.
IPD
B5/
A17
I/O/Z
After reset, it is video encoder output COUT2 or RGB666/888 Blue output
DVDD18
EM_WIDTH
data bit 5 B5.
COUT3/
This pin is multiplexed between DSP boot and the VPBE.
IPD
B6/
B17
I/O/Z
After reset, it is video encoder output COUT3 or RGB666/888 Blue data bit
DVDD18
DSP_BT
6 output B6.
COUT4/
A18
O
DVDD18
Video encoder output COUT4 or RGB666/888 Blue data bit 7 output B7.
B7
COUT5/
B18
O
DVDD18
Video encoder output COUT5 or RGB666/888 Green data bit 2 output G2.
G2
COUT6/
B19
O
DVDD18
Video encoder output COUT6 or RGB666/888 Green data bit 3 output G3.
G3
COUT7/
C16
O
DVDD18
Video encoder output COUT7 or RGB666/888 Green data bit 4 output G4.
G4
YOUT0/
IPD
G5/
D15
I/O/Z
DVDD18
AEAW0
YOUT1/
IPD
G6/
D16
I/O/Z
DVDD18
AEAW1
YOUT2/
These pins are multiplexed between EMIFA and the VPBE.
IPD
G7/
D17
I/O/Z
After reset, these are video encoder outputs YOUT[0:4] or RGB666/888
DVDD18
AEAW2
Red and Green data bit outputs G5, G6, G7, R3, and R4.
YOUT3/
IPD
R3/
D18
I/O/Z
DVDD18
AEAW3
YOUT4/
IPD
R4/
E15
I/O/Z
DVDD18
AEAW4
YOUT5/
E16
O
DVDD18
Video encoder output YOUT5 or RGB666/888 Red data bit 5 output R5.
R5
YOUT6/
E17
O
DVDD18
Video encoder output YOUT6 or RGB666/888 Red data bit 6 output R6.
R6
YOUT7/
E18
O
DVDD18
Video encoder output YOUT7 or RGB666/888 Red data bit 7 output R7.
R7
GPIO0/
This pin is multiplexed between GPIO and the VPBE.
C13
I/O/Z
DVDD18
LCD_OE
In VPBE mode, it is the LCD output enable LCD_OE.
GPIO2/
This pin is multiplexed between GPIO and the VPBE.
D13
I/O/Z
DVDD18
G0
In VPBE mode, it is RGB888 Green data bit 0 output G0.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = internal pulldown, IPU = internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
45
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com