Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 43 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 39Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 40Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 41Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 42Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 43Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 44Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 45Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 46Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 2-19. VPFE Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
VIDEO/IMAGE IN (VPFE)
–
Pixel clock input used to load image data into the CCD controller (CCDC) on pins
PCLK
M19
I
DVDD18
CI[7:0] and YI[7:0].
–
Vertical synchronization signal that can be either an input (slave mode) or an output
VD
L19
I/O/Z
DVDD18
(master mode), which signals the start of a new frame to the CCDC.
–
Horizontal synchronization signal that can be either an input (slave mode) or an
HD
M18
I/O/Z
DVDD18
output (master mode), which signals the start of a new line to the CCDC.
This pin is multiplexed between the CCDC and UART2.
When used by the CCDC as input CI7, it supports several modes.
CI7/
IPD
In 16-bit CCD analog-front-end (AFE) mode, it is input CCD15.
CCD15/
N19
I/O/Z
DVDD18
In 16-bit YCbCr mode, it is time multiplexed between CB7 and CR7 inputs.
UART_RXD2
In 8-bit YCbCr mode, it is time multiplexed between Y7, CB7, and CR7 of the upper
8-bit channel.
This pin is multiplexed between the CCDC and UART2.
When used by the CCDC as input CI6, it supports several modes. In 16-bit CCD
CI6/
IPD
AFE mode, it is input CCD14.
CCD14/
N18
I/O/Z
DVDD18
In 16-bit YCbCr mode, it is time multiplexed between CB6 and CR6 inputs.
UART_TXD2
In 8-bit YCbCr mode, it is time multiplexed between Y6, CB6, and CR6 of the upper
8-bit channel.
This pin is multiplexed between the CCDC and UART2. When used by the CCDC as
input CI5, it supports several modes.
CI5/
IPD
In 16-bit CCD AFE mode, it is input CCD13.
CCD13/
N17
I/O/Z
DVDD18
In 16-bit YCbCr mode, it is time multiplexed between CB5 and CR5 inputs.
UART_CTS2
In 8-bit YCbCr mode, it is time multiplexed between Y5, CB5, and CR5 of the upper
8-bit channel.
This pin is multiplexed between the CCDC and UART2. When used by the CCDC as
input CI4, it supports several modes.
CI4/
IPD
In 16-bit CCD AFE mode, it is input CCD12.
CCD12/
N16
I/O/Z
DVDD18
In 16-bit YCbCr mode, it is time multiplexed between CB4 and CR4 inputs.
UART_RTS2
In 8-bit YCbCr mode, it is time multiplexed between Y4, CB4, and CR4 of the upper
8-bit channel.
This pin is CCDC input CI3 and it supports several modes. In 16-bit CCD AFE
mode, it is input CCD11.
CI3/
IPD
N15
I
In 16-bit YCbCr mode, it is time multiplexed between CB3 and CR3 inputs.
CCD11
DVDD18
In 8-bit YCbCr mode, it is time multiplexed between Y3, CB3, and CR3 of the upper
8-bit channel.
This pin is CCDC input CI2 and it supports several modes. In 16-bit CCD AFE
mode, it is input CCD10.
CI2/
IPD
M17
I
In 16-bit YCbCr mode, it is time multiplexed between CB2 and CR2 inputs.
CCD10
DVDD18
In 8-bit YCbCr mode, it is time multiplexed between Y2, CB2, and CR2 of the upper
8-bit channel.
This pin is CCDC input CI1 and it supports several modes.
In 16-bit CCD AFE mode, it is input CCD9.
CI1/
IPD
M16
I
In 16-bit YCbCr mode, it is time multiplexed between CB1 and CR1 inputs.
CCD9
DVDD18
In 8-bit YCbCr mode, it is time multiplexed between Y1, CB1, and CR1 of the upper
8-bit channel.
This pin is CCDC input CI0 and it supports several modes.
In 16-bit CCD AFE mode, it is input CCD8.
CI0/
IPD
M15
I
In 16-bit YCbCr mode, it is time multiplexed between CB0 and CR0 inputs.
CCD8
DVDD18
In 8-bit YCbCr mode, it is time multiplexed between Y0, CB0, and CR0 of the upper
8-bit channel.
This pin is CCDC input YI7 and it supports several modes.
In 16-bit CCD AFE mode, it is input CCD7.
YI7/
IPD
L18
I
In 16-bit YCbCr mode, it is input Y7.
CCD7
DVDD18
In 8-bit YCbCr mode, it is time multiplexed between Y7, CB7, and CR7 of the lower
8-bit channel.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = internal pulldown, IPU = internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
43
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com