| Electronic Components Datasheet Search |
|
TNETV1647GSTZWT Datasheet(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT Datasheet(HTML) 38 Page - Texas Instruments |
|
38 / 236 page ![]() TMS320DM6441 SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 www.ti.com Table 2-11. I2C Terminal Functions SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. I2C SCL/ This pin is multiplexed between I2C and GPIO. C4 I/O/Z DVDD18 GPIO43 For I2C, it is clock output SCL. SDA/ This pin is multiplexed between I2C and GPIO. B4 I/O/Z DVDD18 GPIO44 For I2C, it is bidirectional data signal SDA. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) Specifies the operating I/O supply voltage for each signal Table 2-12. Audio Serial Port (ASP) Terminal Functions SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. Audio Serial Port (ASP) CLKX/ This pin is multiplexed between ASP and GPIO. B8 I/O/Z DVDD18 GPIO29 For ASP, it is transmit clock IO CLKX. CLKR/ This pin is multiplexed between ASP and GPIO. A8 I/O/Z DVDD18 GPIO30 For ASP, it is receive clock IO CLKR. FSX/ This pin is multiplexed between ASP and GPIO. C8 I/O/Z DVDD18 GPIO31 For ASP, it is transmit frame synchronization IO FSX. FSR/ This pin is multiplexed between ASP and GPIO. C7 I/O/Z DVDD18 GPIO32 For ASP, it is receive frame synchronization IO FSR. DX/ This pin is multiplexed between ASP and GPIO. B7 I/O/Z DVDD18 GPIO33 For ASP, it is data transmit output DX. DR/ This pin is multiplexed between ASP and GPIO. A7 I/O/Z DVDD18 GPIO34 For ASP, it is data receive input DR. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) Specifies the operating I/O supply voltage for each signal Table 2-13. SPI Terminal Functions SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. Serial Port Interface (SPI) SPI_EN0/ This pin is multiplexed between SPI and GPIO. A4 I/O/Z DVDD18 GPIO37 When used by SPI, it is SPI slave device 0 enable output SPI_EN0. SPI_EN1/ This pin is multiplexed between SPI, ATA, and GPIO. HDDIR/ B2 I/O/Z DVDD18 When used by SPI, it is SPI slave device 1 enable output SPI_EN1. GPIO42 SPI_CLK/ This pin is multiplexed between SPI and GPIO. A3 I/O/Z DVDD18 GPIO39 For SPI, it is clock output SPI_CLK. SPI_DI/ This pin is multiplexed between SPI and GPIO. B3 I/O/Z DVDD18 GPIO40 For SPI, it is data input SPI_DI. SPI_DO/ This pin is multiplexed between SPI and GPIO. A2 I/O/Z DVDD18 GPIO41 For SPI it is data output SPI_DO. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) Specifies the operating I/O supply voltage for each signal 38 Device Overview Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |