Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 97 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 93Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 94Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 95Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 96Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 97Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 98Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 99Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 100Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-3. DM6441 Power and Clock Domains
Power Domain
Clock Domain
Peripheral/Module
Always On
CLKIN
UART0
Always On
CLKIN
UART1
Always On
CLKIN
UART2
Always On
CLKIN
I2C
Always On
CLKIN
Timer0
Always On
CLKIN
Timer1
Always On
CLKIN
Timer2
Always On
CLKIN
PWM0
Always On
CLKIN
PWM1
Always On
CLKIN
PWM2
Always On
CLKDIV2
ARM subsystem
Always On
CLKDIV3
DDR2
Always On
CLKDIV3
VPSS
Always On
CLKDIV3
EDMA3
Always On
CLKDIV3
SCR
Always On
CLKDIV6
GPSC
Always On
CLKDIV6
LPSCs
Always On
CLKDIV6
Ice Pick
Always On
CLKDIV6
EMIFA
Always On
CLKDIV6
USB
Always On
CLKDIV6
HPI
Always On
CLKDIV6
VLYNQ
Always On
CLKDIV6
EMAC
Always On
CLKDIV6
ATA/CF
Always On
CLKDIV6
Memory Stick/Memory Stick PRO
Always On
CLKDIV6
MMC/SD/SDIO
Always On
CLKDIV6
SPI
Always On
CLKDIV6
ASP
Always On
CLKDIV6
GPIO
DSP
CLKDIV1
C64x+ CPU
DSP
CLKDIV2
VICP
DSP
CLKDIV4
VICP
DSP
CLKDIV6
VICP
Table 6-4. DM6441 Clock Domains(1)
Clock Modes (Frequency)
Subsystem
Fixed Ratio vs. PLL1
PLL Bypass
PLL Enabled
PLL1
–
27 MHz
405 MHz
DSP
1:1
27 MHz
405 MHz
ARM
1:2
13.5 MHz
202.5 MHz
EDMA3/VPSS
1:3
9 MHz
135 MHz
Peripherals
1:6
4.5 MHz
67.5 MHz
(1)
These table values assume a MXI/CLKIN of 27 MHz and a PLL1 multiplier equal to 15.
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
97
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com