| Electronic Components Datasheet Search |
|
TNETV1647GSTZWT Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 236 page ![]() TMS320DM6441 www.ti.com SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 Table 2-9. EMIFA Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. EMIFA FUNCTIONAL PINS: ASYNC / NOR This pin is multiplexed between EMIFA and HPI. EM_CS2/ For EMIFA, this pin is Chip Select 2 output EM_CS2 for use with asynchronous C2 I/O/Z DVDD18 HCS memories (i.e., NOR flash) or NAND flash. This is the chip select for the default boot and ROM boot modes. For EMIFA, this pin is Chip Select 3 output EM_CS3 for use with asynchronous EM_CS3 B1 I/O/Z DVDD18 memories (i.e., NOR flash) or NAND flash. EM_CS4/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO9/ T2 I/O/Z DVDD18 For EMIFA, it is Chip Select 4 output EM_CS4 for use with asynchronous memories VLYNQ_SCRUN (i.e., NOR flash) or NAND flash. EM_CS5/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO8/ T1 I/O/Z DVDD18 For EMIFA, it is Chip Select 5 output EM_CS5 for use with asynchronous memories VLYNQ_CLOCK (i.e., NOR flash) or NAND flash. EM_R/W/ This pin is multiplexed between EMIFA, ATA/CF, and HPI. INTRQ/ G3 I/O/Z DVDD18 For EMIFA, it is read/write output EM_R/W. HR/W EM_WAIT/ (RDY/BSY)/ IPU This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. F1 I/O/Z IORDY/ DVDD18 For EMIFA, it is wait state extension input EM_WAIT. HRDY EM_OE/ (RE)/ This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. (IORD)/ H4 I/O/Z DVDD18 For EMIFA, it is output enable output EM_OE. DIOR/ HDS1 EM_WE (WE) This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. (IOWR)/ G2 I/O/Z DVDD18 For NAND/SmartMedia/xD or EMIFA, it is write enable output EM_WE. DIOW/ HDS2 This pin is multiplexed between EMIFA, ATA/CF, and HPI. For EMIFA, this is the Bank Address 0 output (EM_BA[0]). EM_BA[0]/ IPD When connected to an 8-bit asynchronous memory, this pin is the lowest order bit of DA0/ J3 I/O/Z DVDD18 the byte address. HINT When connected to a 16-bit asynchronous memory, this pin has the same function as EMIF address pin 22 (EM_A[22]). This pin is multiplexed between EMIFA, ATA/CF, and GPIO. For EMIFA, this is the Bank Address 1 output EM_BA[1]. EM_BA[1]/ When connected to a 16 bit asynchronous memory this pin is the lowest order bit of DA1/ H2 I/O/Z DVDD18 the 16-bit word address. GPIO52 When connected to an 8-bit asynchronous memory, this pin is the 2nd bit of the address. EM_A[21]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO10/ T3 I/O/Z DVDD18 For EMIFA, it is address bit 21 output EM_A[21]. VLYNQ_TXD0 EM_A[20]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO11/ R3 I/O/Z DVDD18 For EMIFA, it is address bit 20 output EM_A[20]. VLYNQ_RXD0 EM_A[19]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO12/ R4 I/O/Z DVDD18 For EMIFA, it is address bit 19 output EM_A[19]. VLYNQ_TXD1 EM_A[18]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO13/ P5 I/O/Z DVDD18 For EMIFA, it is address bit 18 output EM_A[18]. VLYNQ_RXD1 EM_A[17]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO14/ R2 I/O/Z DVDD18 For EMIFA, it is address bit 17 output EM_A[17]. VLYNQ_TXD2 EM_A[16]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO15/ R5 I/O/Z DVDD18 For EMIFA, it is address bit 16 output EM_A[16]. VLYNQ_RXD2 Copyright © 2006–2010, Texas Instruments Incorporated Device Overview 31 Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |