| Electronic Components Datasheet Search |
|
TNETV1647GSTZWT Datasheet(PDF) 168 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1647GSTZWT Datasheet(HTML) 168 Page - Texas Instruments |
|
168 / 236 page ![]() TMS320DM6441 SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010 www.ti.com 6.13.1.4.1 Auto Focus (AF) Engine The following features are supported by the auto focus (AF) engine. • Peak mode in a paxel (a paxel is defined as a two dimensional block of pixels). • Accumulate the maximum focus value of each line in a paxel • Accumulation/Sum mode (instead of peak mode). • Accumulate focus value in a paxel. • Up to 36 paxels in the horizontal direction and up to 128 paxels in the vertical direction. • Programmable width and height for the paxel. All paxels in the frame will be of same size. • Programmable Red, Green, and Blue position within a 2x2 matrix. • Separate horizontal start for paxel and filtering. • Programmable vertical line increments within a paxel. • Parallel IIR filters configured in a dual-biquad configuration with individual coefficients (2 filters with 11 coefficients each). The filters are intended to compute the sharpness/peaks in the frame to focus on. 6.13.1.4.2 Auto Exposure (AE) and Auto White Balance (AWB) Engine The following features are supported by the auto exposure (AE) and auto white balance (AWB) engine. • Accumulate clipped pixels along with all non-saturated pixels. • Up to 36 horizontal windows. • Up to 128 vertical windows. • Programmable width and height for the windows. All windows in the frame will be of same size. • Separate vertical start coordinate and height for a black row of paxels that is different than the remaining color paxels. • Programmable horizontal sampling points in a window. • Programmable vertical sampling points in a window. 168 Peripheral and Electrical Specifications Copyright © 2006–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6441 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |