Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 57Page - STMicroelectronics ST7DALIF2 Datasheet HTML 58Page - STMicroelectronics ST7DALIF2 Datasheet HTML 59Page - STMicroelectronics ST7DALIF2 Datasheet HTML 60Page - STMicroelectronics ST7DALIF2 Datasheet HTML 61Page - STMicroelectronics ST7DALIF2 Datasheet HTML 62Page - STMicroelectronics ST7DALIF2 Datasheet HTML 63Page - STMicroelectronics ST7DALIF2 Datasheet HTML 64Page - STMicroelectronics ST7DALIF2 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 171 page
background image
ST7DALIF2
I/O ports
61/171
12
I/O ports
12.1
Introduction
The I/O ports allow data transfer. An I/O port can contain up to 8 pins. Each pin can be
programmed independently either as a digital input or digital output. In addition, specific pins
may have several other functions. These functions can include external interrupt, alternate
signal input/output for on-chip peripherals or analog input.
12.2
Functional description
A Data Register (DR) and a Data Direction Register (DDR) are always associated with each
port. The Option Register (OR), which allows input/output options, may or may not be
implemented. The following description takes into account the OR register. Refer to the Port
Configuration table for device specific information.
An I/O pin is programmed using the corresponding bits in the DDR, DR and OR registers: bit
x corresponding to pin x of the port.
Figure 30 shows the generic I/O block diagram.
12.2.1
Input modes
Clearing the DDRx bit selects input mode. In this mode, reading its DR bit returns the digital
value from that I/O pin.
If an OR bit is available, different input modes can be configured by software: floating or pull-
up. Refer to I/O Port Implementation section for configuration.
Note:
1
Writing to the DR modifies the latch value but does not change the state of the input pin.
2
Do not use read/modify/write instructions (BSET/BRES) to modify the DR register.
External interrupt function
Depending on the device, setting the ORx bit while in input mode can configure an I/O as an
input with interrupt. In this configuration, a signal edge or level input on the I/O generates an
interrupt request via the corresponding interrupt vector (eix).
Falling or rising edge sensitivity is programmed independently for each interrupt vector. The
External interrupt control register (EICR) on page 48 controls this sensitivity.
Each external interrupt vector is linked to a dedicated group of I/O port pins (see Section 4:
Pin description on page 13 and Section 10: Interrupts on page 45).
If several I/O interrupt pins on the same interrupt vector are selected simultaneously, they
are logically combined. For this reason if one of the interrupt pins is tied low, it may mask the
others.
External interrupts are hardware interrupts. Fetching the corresponding interrupt vector
automatically clears the request latch. Changing the sensitivity of a particular external
interrupt clears this pending interrupt. This can be used to clear unwanted pending
interrupts.
Spurious interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com