Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 77Page - STMicroelectronics ST7DALIF2 Datasheet HTML 78Page - STMicroelectronics ST7DALIF2 Datasheet HTML 79Page - STMicroelectronics ST7DALIF2 Datasheet HTML 80Page - STMicroelectronics ST7DALIF2 Datasheet HTML 81Page - STMicroelectronics ST7DALIF2 Datasheet HTML 82Page - STMicroelectronics ST7DALIF2 Datasheet HTML 83Page - STMicroelectronics ST7DALIF2 Datasheet HTML 84Page - STMicroelectronics ST7DALIF2 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 171 page
background image
ST7DALIF2
12-bit autoreload timer 2 (AT2)
81/171
14.6.10
PWMx duty cycle register low (DCRxL)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved.
Bits 11:0 = DCR[11:0] PWMx Duty Cycle Value
This 12-bit value is written by software. It defines the duty cycle of the corresponding PWM
output signal (see Figure 35).
In PWM mode (OEx=1 in the PWMCR register) the DCR[11:0] bits define the duty cycle of
the PWMx output signal (see Figure 35). In Output Compare mode, they define the value to
be compared with the 12-bit upcounter value.
14.6.11
Input capture register high (ATICRH)
Read only
Reset Value: 0000 0000 (00h)
14.6.12
Input capture register low (ATICRL)
Read only
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved.
Bits 11:0 = ICR[11:0] Input Capture Data.
This is a 12-bit register which is readable by software and cleared by hardware after a reset.
The ATICR register contains captured the value of the 12-bit CNTR register when a rising or
falling edge occurs on the ATIC pin. Capture will only be performed when the ICF flag is
cleared.
7
0
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
15
8
0
0
0
0
ICR11
ICR10
ICR9
ICR8
7
0
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com