Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 62Page - STMicroelectronics ST7DALIF2 Datasheet HTML 63Page - STMicroelectronics ST7DALIF2 Datasheet HTML 64Page - STMicroelectronics ST7DALIF2 Datasheet HTML 65Page - STMicroelectronics ST7DALIF2 Datasheet HTML 66Page - STMicroelectronics ST7DALIF2 Datasheet HTML 67Page - STMicroelectronics ST7DALIF2 Datasheet HTML 68Page - STMicroelectronics ST7DALIF2 Datasheet HTML 69Page - STMicroelectronics ST7DALIF2 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 171 page
background image
I/O ports
ST7DALIF2
66/171
12.3
I/O port implementation
The hardware implementation on each I/O port depends on the settings in the DDR and OR
registers and specific I/O port features such as ADC input or open drain.
Switching these I/O ports from one state to another should be done in a sequence that
prevents unwanted side effects. Recommended safe transitions are illustrated in Figure 31.
Other transitions are potentially risky and should be avoided, since they may present
unwanted side-effects such as spurious interrupt generation.
Figure 31.
Interrupt I/O port state transitions
12.4
Unused I/O pins
Unused I/O pins must be connected to fixed voltage levels. Refer to Section 20.
12.5
Low power modes
12.6
Interrupts
The external interrupt event generates an interrupt if the corresponding configuration is
selected with DDR and OR registers and if the I bit in the CC register is cleared (RIM
instruction).
01
floating/pull-up
interrupt
INPUT
00
floating
(reset state)
INPUT
10
open-drain
OUTPUT
11
push-pull
OUTPUT
XX
= DDR, OR
Table 27.
Effect of low power modes on I/O ports
Mode
Description
Wait
No effect on I/O ports. External interrupts cause the device to exit from Wait
mode.
Halt
No effect on I/O ports. External interrupts cause the device to exit from Halt
mode.
Table 28.
I/O port interrupt control/wake-up capability
Interrupt event
Event
flag
Enable
control
bit
Exit
from
Wait
Exit
from
Halt
External interrupt on selected
external event
-
DDRx
ORx
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com