Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 66Page - STMicroelectronics ST7DALIF2 Datasheet HTML 67Page - STMicroelectronics ST7DALIF2 Datasheet HTML 68Page - STMicroelectronics ST7DALIF2 Datasheet HTML 69Page - STMicroelectronics ST7DALIF2 Datasheet HTML 70Page - STMicroelectronics ST7DALIF2 Datasheet HTML 71Page - STMicroelectronics ST7DALIF2 Datasheet HTML 72Page - STMicroelectronics ST7DALIF2 Datasheet HTML 73Page - STMicroelectronics ST7DALIF2 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 171 page
background image
Watchdog timer (WDG)
ST7DALIF2
70/171
the watchdog is disabled. The value to be stored in the CR register must be between FFh
and C0h (see Table 34):
●
The WDGA bit is set (watchdog enabled)
●
The T6 bit is set to prevent generating an immediate reset
●
The T[5:0] bits contain the number of increments which represents the time delay
before the watchdog produces a reset.
Following a reset, the watchdog is disabled. Once activated it cannot be disabled, except by
a reset.
The T6 bit can be used to generate a software reset (the WDGA bit is set and the T6 bit is
cleared).
If the watchdog is activated, the HALT instruction will generate a Reset.
.
Note:
1
The timing variation shown in Table 34 is due to the unknown status of the prescaler when
writing to the CR register.
2
The number of CPU clock cycles applied during the RESET phase (256 or 4096) must be
taken into account in addition to these timings.
13.4
Hardware watchdog option
If Hardware Watchdog is selected by option byte, the watchdog is always active and the
WDGA bit in the CR is not used.
Refer to the Option Byte description in Section 22.1 on page 161.
13.4.1
Using Halt mode with the WDG (WDGHALT option)
If Halt mode with Watchdog is enabled by option byte (No watchdog reset on HALT
instruction), it is recommended before executing the HALT instruction to refresh the WDG
counter, to avoid an unexpected WDG reset immediately after waking up the microcontroller.
The same behavior occurs in Active-halt mode.
13.5
Interrupts
None.
Table 34.
Watchdog timing (fCPU = 8 MHz.)
WDG counter code
min
[ms]
max
[ms]
C0h
1
2
FFh
127
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com