Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 88Page - STMicroelectronics ST7DALIF2 Datasheet HTML 89Page - STMicroelectronics ST7DALIF2 Datasheet HTML 90Page - STMicroelectronics ST7DALIF2 Datasheet HTML 91Page - STMicroelectronics ST7DALIF2 Datasheet HTML 92Page - STMicroelectronics ST7DALIF2 Datasheet HTML 93Page - STMicroelectronics ST7DALIF2 Datasheet HTML 94Page - STMicroelectronics ST7DALIF2 Datasheet HTML 95Page - STMicroelectronics ST7DALIF2 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 171 page
background image
DALI communication module
ST7DALIF2
92/171
16.4
General description
The DCM is able to receive or transmit a serial DALI signal using a 16-bit shift register, an
edge detector, several data/control registers and arbitration logic.
The DCM receives the DALI standard signal from the lighting control network, checks for
errors and loads the address/data bytes of a "forward frame" to the corresponding
DCMFA/DCMFD registers and sends back the data byte of the "backward frame" (written by
software to the DCMBD register) in DALI standard format.
The data rate can be changed by writing in the DCMCLK register (fDATA = 2* fDALI).
fDATA = fCPU/[(N+1)*16]
The DALI standard data rate fDALI is 1.2 kHz. N is the integer value of the DCMCLK register.
Following the above formula, if fCPU is 8 MHz, the integer value of the DCMCLK register is
"207". The bi-phase bit period is 833.33 us ±10%.
The polarity of the bi-phase start bit is not configurable. The start bit is a logical ’1’.
The polarity of the 2 stop bits is not configurable. The 2 stop bits are set to high level.
If an error is detected during reception, the frame will be ignored and the DCM will return to
Receive state.
16.5
Functional description
The user must write to the DCMCLK register to select the data rate according to the DALI
signal frequency.
After Reset, the DCM is in Receive state and waits for the bi-phase start bit (logical ’1’) of
the "forward frame".
The DCM checks the data format of the "forward frame" with the 4-bit pre-shift register. If an
error occurs during reception, the DCM will skip the data and return to the Receive state.
If there is no error in the "forward frame", the data will be shifted Most Significant Bit-first into
the 16-bit shift register. The address byte and the data byte will be loaded to the
corresponding DCMFA and DCMFD registers. The DCM will send an interrupt signal by
setting the ITF bit in the DCMCSR register.
If the software receives an interrupt signal from the DCM, it reads the DCMFA and DCMFD
registers.
Depending on the command, the DCM is able to send back or receive data.
In an interrupt routine, the RTS bit has to be set either before or at the same time as the RTA
bit.
If the software asks the DCM to send back a "backward frame", the software must first write
to the DCMBD register and switch the DCM to Transmit state by setting the RTS and RTA
bits in the DCMCR register during the interrupt routine. The DCMBD register will be shifted
out from the 16-bit shift register in DALI format, the Most Significant Bit-first.
When the "backward frame" has been transmitted, the DCM will send an interrupt signal by
setting the ITF bit in the DCMCSR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com