Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 95Page - STMicroelectronics ST7DALIF2 Datasheet HTML 96Page - STMicroelectronics ST7DALIF2 Datasheet HTML 97Page - STMicroelectronics ST7DALIF2 Datasheet HTML 98Page - STMicroelectronics ST7DALIF2 Datasheet HTML 99Page - STMicroelectronics ST7DALIF2 Datasheet HTML 100Page - STMicroelectronics ST7DALIF2 Datasheet HTML 101Page - STMicroelectronics ST7DALIF2 Datasheet HTML 102Page - STMicroelectronics ST7DALIF2 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 171 page
background image
ST7DALIF2
DALI communication module
99/171
0: The DCM is in Transmit state
1: The DCM is in Receive state
Bits 3:0 = DCMCSR[3:0] Clock counter value. (Read only) These bits are set/cleared by
hardware and read by software.
The value of the 4-bit sample clock counter (integer range 0 to 15). The clock counter value
is loaded in the DCMCSR register when a DALI change of phase signal is detected (edge
trigger). Refer to Figure 44.
Table 45.
Register map and reset values
Address
(Hex.)
Register
label
7654
3210
0040h
DCMCLK
Reset
Value
CK7
0
CK6
0
CK5
0
CK4
0
CK3
0
CK2
0
CK1
0
CK0
0
0041h
DCMFA
Reset
Value
FA7
0
FA6
0
FA5
0
FA4
0
FA3
0
FA2
0
FA1
0
FA0
0
0042h
DCMFD
Reset
Value
FD7
0
FD6
0
FD5
0
FD4
0
FD3
0
FD2
0
FD1
0
FD0
0
0043h
DCMBD
Reset
Value
BD7
0
BD6
0
BD5
0
BD4
0
BD3
0
BD2
0
BD1
0
BD0
0
0044h
DCMCR
Reset
Value
0000
DCME
0
RTA
0
RTS
0
FTS
0
0045h
DCMCSR
Reset
Value
ITE
0
ITF
0
EF
0
RTF
0
CK3
0
CK2
0
CK1
0
CK0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com