Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 40Page - STMicroelectronics ST7DALIF2 Datasheet HTML 41Page - STMicroelectronics ST7DALIF2 Datasheet HTML 42Page - STMicroelectronics ST7DALIF2 Datasheet HTML 43Page - STMicroelectronics ST7DALIF2 Datasheet HTML 44Page - STMicroelectronics ST7DALIF2 Datasheet HTML 45Page - STMicroelectronics ST7DALIF2 Datasheet HTML 46Page - STMicroelectronics ST7DALIF2 Datasheet HTML 47Page - STMicroelectronics ST7DALIF2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 171 page
background image
Supply, reset and clock management
ST7DALIF2
44/171
9.7.4
Register description
System integrity (SI) control/status register (SICSR)
Read/Write
Reset Value: 0000 0xx0 (0xh)
Bit 7:5 = Reserved, must be kept cleared.
Bit 4 = WDGRF Watchdog reset flag
This bit indicates that the last Reset was generated by the Watchdog peripheral. It is set by
hardware (watchdog reset) and cleared by software (writing zero) or an LVD Reset (to
ensure a stable cleared state of the WDGRF flag when CPU starts).
Combined with the LVDRF flag information, the flag description is given by the following
table.
Bit 3 = LOCKED PLL Locked Flag
This bit is set and cleared by hardware. It is set automatically when the PLL reaches its
operating frequency.
0: PLL not locked
1: PLL locked
Bit 2 = LVDRF LVD reset flag
This bit indicates that the last Reset was generated by the LVD block. It is set by hardware
(LVD reset) and cleared by software (by reading). When the LVD is disabled by OPTION
BYTE, the LVDRF bit value is undefined.
Bit 1 = AVDF Voltage Detector flag
This read-only bit is set and cleared by hardware. If the AVDIE bit is set, an interrupt request
is generated when the AVDF bit is set. Refer to Figure 18 and to Monitoring the VDD main
supply on page 42 for additional details.
0: VDD over AVD threshold
1: VDD under AVD threshold
Bit 0 = AVDIE Voltage Detector interrupt enable
This bit is set and cleared by software. It enables an interrupt to be generated when the
AVDF flag is set. The pending interrupt information is automatically cleared when software
enters the AVD interrupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
Note:
The LVDRF flag is not cleared when another RESET type occurs (external or watchdog), the
LVDRF flag remains set to keep trace of the original failure.
In this case, a watchdog reset can be detected by software while an external reset can not.
7
0
0
0
0
WDGRF
LOCKED
LVDRF
AVDF
AVDIE
Table 14.
Reset flags
RESET sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com