Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 84Page - STMicroelectronics ST7DALIF2 Datasheet HTML 85Page - STMicroelectronics ST7DALIF2 Datasheet HTML 86Page - STMicroelectronics ST7DALIF2 Datasheet HTML 87Page - STMicroelectronics ST7DALIF2 Datasheet HTML 88Page - STMicroelectronics ST7DALIF2 Datasheet HTML 89Page - STMicroelectronics ST7DALIF2 Datasheet HTML 90Page - STMicroelectronics ST7DALIF2 Datasheet HTML 91Page - STMicroelectronics ST7DALIF2 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 171 page
background image
Lite timer 2 (LT2)
ST7DALIF2
88/171
Bit 5 = TB Timebase period selection.
This bit is set and cleared by software.
0: Timebase period = tOSC * 8000 (1ms @ 8 MHz)
1: Timebase period = tOSC * 16000 (2ms @ 8 MHz)
Bit 4 = TB1IE Timebase Interrupt enable.
This bit is set and cleared by software.
0: Timebase (TB1) interrupt disabled
1: Timebase (TB1) interrupt enabled
Bit 3 = TB1F Timebase Interrupt Flag.
This bit is set by hardware and cleared by software reading the LTCSR register. Writing to
this bit has no effect.
0: No counter overflow
1: A counter overflow has occurred
Bits 2:0 = Reserved
15.6.5
Lite timer input capture register (LTICR)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:0 = ICR[7:0] Input Capture Value
These bits are read by software and cleared by hardware after a reset. If the ICF bit in the
LTCSR is cleared, the value of the 8-bit up-counter will be captured when a rising or falling
edge occurs on the LTIC pin.
7
0
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
Table 42.
Lite timer register map and reset values
Address
(Hex.)
Register
label
76543210
08
LTCSR2
Reset
Value
000000
TB2IE
0
TB2F
0
09
LTARR
Reset
Value
AR7
0
AR6
0
AR5
0
AR4
0
AR3
0
AR2
0
AR1
0
AR0
0
0A
LTCNTR
Reset
Value
CNT7
0
CNT6
0
CNT5
0
CNT4
0
CNT3
0
CNT2
0
CNT1
0
CNT0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com