Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 78Page - STMicroelectronics ST7DALIF2 Datasheet HTML 79Page - STMicroelectronics ST7DALIF2 Datasheet HTML 80Page - STMicroelectronics ST7DALIF2 Datasheet HTML 81Page - STMicroelectronics ST7DALIF2 Datasheet HTML 82Page - STMicroelectronics ST7DALIF2 Datasheet HTML 83Page - STMicroelectronics ST7DALIF2 Datasheet HTML 84Page - STMicroelectronics ST7DALIF2 Datasheet HTML 85Page - STMicroelectronics ST7DALIF2 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 171 page
background image
12-bit autoreload timer 2 (AT2)
ST7DALIF2
82/171
14.6.13
Transfer control register (TRANCR)
Read/Write
Reset Value: 0000 0001 (01h)
Bits 7:1 Reserved. Forced by hardware to 0.
Bit 0 = TRAN Transfer enable
This bit is read/write by software, cleared by hardware after each completed transfer and set
by hardware after reset.
It allows the value of the DCRx registers to be transferred to the DCRx shadow registers
after the next overflow event.
The OPx bits are transferred to the shadow OPx bits in the same way.
7
0
00
00000
TRAN
Table 39.
Register map and reset values
Address
(Hex.)
Register
label
7654
3210
0D
ATCSR
Reset
Value
0
ICF
0
ICIE
0
CK1
0
CK0
0
OVF
0
OVFIE
0
CMPIE
0
0E
CNTRH
Reset
Value
0000
CNTR1
1
0
CNTR1
0
0
CNTR9
0
CNTR8
0
0F
CNTRL
Reset
Value
CNTR7
0
CNTR8
0
CNTR7
0
CNTR6
0
CNTR3
0
CNTR2
0
CNTR1
0
CNTR0
0
10
ATRH
Reset
Value
0000
ATR11
0
ATR10
0
ATR9
0
ATR8
0
11
ATRL
Reset
Value
ATR7
0
ATR6
0
ATR5
0
ATR4
0
ATR3
0
ATR2
0
ATR1
0
ATR0
0
12
PWMCR
Reset
Value
0
OE3
0
0
OE2
0
0
OE1
0
0
OE0
0
13
PWM0CSR
Reset
Value
0000
00
OP0
0
CMPF0
0
14
PWM1CSR
Reset
Value
0000
00
OP1
0
CMPF1
0
15
PWM2CSR
Reset
Value
0000
00
OP2
0
CMPF2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com