Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 96Page - STMicroelectronics ST7DALIF2 Datasheet HTML 97Page - STMicroelectronics ST7DALIF2 Datasheet HTML 98Page - STMicroelectronics ST7DALIF2 Datasheet HTML 99Page - STMicroelectronics ST7DALIF2 Datasheet HTML 100Page - STMicroelectronics ST7DALIF2 Datasheet HTML 101Page - STMicroelectronics ST7DALIF2 Datasheet HTML 102Page - STMicroelectronics ST7DALIF2 Datasheet HTML 103Page - STMicroelectronics ST7DALIF2 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 171 page
background image
Serial peripheral interface (SPI)
ST7DALIF2
100/171
17
Serial peripheral interface (SPI)
17.1
Introduction
The Serial Peripheral Interface (SPI) allows full-duplex, synchronous, serial communication
with external devices. An SPI system may consist of a master and one or more slaves or a
system in which devices may be either masters or slaves.
17.2
Main features
●
Full duplex synchronous transfers (on 3 lines)
●
Simplex synchronous transfers (on 2 lines)
●
Master or slave operation
●
Six master mode frequencies (fCPU/4 max.)
●
fCPU/2 max. slave mode frequency (see note)
●
SS Management by software or hardware
●
Programmable clock polarity and phase
●
End of transfer interrupt flag
●
Write collision, Master Mode Fault and Overrun flags
Note:
In slave mode, continuous transmission is not possible at maximum frequency due to the
software overhead for clearing status flags and to initiate the next transmission sequence.
17.3
General description
Figure 45 shows the serial peripheral interface (SPI) block diagram. There are 3 registers:
– SPI Control Register (SPICR)
– SPI Control/Status Register (SPICSR)
– SPI Data Register (SPIDR)
The SPI is connected to external devices through 3 pins:
– MISO: Master In / Slave Out data
– MOSI: Master Out / Slave In data
– SCK: Serial Clock out by SPI masters and input by SPI slaves
–SS: Slave select:
This input signal acts as a ‘chip select’ to let the SPI master communicate with slaves
individually and to avoid contention on the data lines. Slave SS inputs can be driven
by standard I/O ports on the master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com