Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 104Page - Advanced Micro Devices CS5530A Datasheet HTML 105Page - Advanced Micro Devices CS5530A Datasheet HTML 106Page - Advanced Micro Devices CS5530A Datasheet HTML 107Page - Advanced Micro Devices CS5530A Datasheet HTML 108Page - Advanced Micro Devices CS5530A Datasheet HTML 109Page - Advanced Micro Devices CS5530A Datasheet HTML 110Page - Advanced Micro Devices CS5530A Datasheet HTML 111Page - Advanced Micro Devices CS5530A Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 259 page
background image
108
AMD Geode™ CS5530A Companion Device Data Book
PC/AT Compatibility Logic
Revision 1.1
4.5.6.1
Fast Keyboard Gate Address 20 and CPU
Reset
The CS5530A monitors the keyboard I/O Ports 064h and
060h for the fast keyboard A20M# and CPU reset control
sequences. If a write to I/O Port 060h[1] = 1 after a write
takes place to I/O Port 064h with data of D1h, then the
CS5530A asserts the A20M# signal. A20M# remains
asserted until cleared by:
(1) a write to bit 1 of I/O Port 092h,
(2) a CPU reset of some kind, or
(3) write to I/O Port 060h[1] = 0 after a write takes place to
I/O Port 064h with data of D1h.
The CS5530A also monitors the keyboard ports for the
CPU reset control sequence. If a write to I/O Port 060h with
data bit 0 set occurs after a write to I/O Port 064h with data
of D1h, the CS5530A asserts a WM_RST SMI.
The fast keyboard A20M# and CPU reset can be disabled
through F0 Index 52h[7]. By default, bit 7 is cleared, and
the fast keyboard A20M# and CPU reset monitor logic is
active. If bit 7 is clear, the CS5530A forwards the com-
mands to the keyboard controller.
By default, the CS5530A forces the deassertion of A20M#
during a warm reset. This action may be disabled if F0
Index 52h[4] is cleared.
Table 4-52. A20 Associated Programming Bits
Bit
Description
F0 Index 52h
ROM/AT Logic Control Register (R/W)
Reset Value = F8h
7
Snoop Fast Keyboard Gate A20 and Fast Reset: Enables the snoop logic associated with keyboard commands for A20
Mask and Reset. 0 = Disable; 1 = Enable (snooping).
If disabled, the keyboard controller handles the commands.
4
Enable A20M# Deassertion on Warm Reset: Force A20M# high during a Warm Reset (guarantees that A20M# is deas-
serted regardless of the state of A20). 0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com