Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 106Page - Advanced Micro Devices CS5530A Datasheet HTML 107Page - Advanced Micro Devices CS5530A Datasheet HTML 108Page - Advanced Micro Devices CS5530A Datasheet HTML 109Page - Advanced Micro Devices CS5530A Datasheet HTML 110Page - Advanced Micro Devices CS5530A Datasheet HTML 111Page - Advanced Micro Devices CS5530A Datasheet HTML 112Page - Advanced Micro Devices CS5530A Datasheet HTML 113Page - Advanced Micro Devices CS5530A Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 259 page
background image
110
AMD Geode™ CS5530A Companion Device Data Book
IDE Controller
Revision 1.1
4.6
IDE Controller
The CS5530A integrates a fully-buffered, 32-bit, ANSI ATA-
4-compliant (Ultra DMA33) IDE interface. The IDE interface
supports two channels, primary and secondary, each sup-
porting two devices that can operate in PIO Modes 1, 2, 3,
4, Multiword DMA, or Ultra DMA/133.
The IDE interface provides a variety of features to optimize
system performance, including 32-bit disk access, post
write buffers, bus master, Multiword DMA, look-ahead read
buffer, and prefetch mechanism for each channel respec-
tively.
The IDE interface timing is completely programmable. Tim-
ing control covers the command active and recover pulse
widths, and command block register accesses. The IDE
data-transfer speed for each device on each channel can
be independently programmed allowing high-speed IDE
peripherals to coexist on the same channel as older, com-
patible devices.
The CS5530A also provides a software-accessible buffered
reset signal to the IDE drive, F0 Index 44h[3:2] (Table 4-
54). The IDE_RST# signal is driven low during reset to the
CS5530A and can be driven low or high as needed for
device-power-off conditions.
4.6.1
IDE Interface Signals
The CS5530A has two completely separate IDE control
signals, however, the IDE_RST#, IDE_ADDR[2:0] and
IDE_DATA[15:0] are shared. The connections between the
CS5530A and IDE devices are shown as Figure 4-19.
Figure 4-19. CS5530A and IDE Channel Connections
Table 4-54. IDE Reset Bits
Bit
Description
F0 Index 44h
Reset Control Register (R/W)
Reset Value = xx000000b
3
IDE Controller Reset: Reset both of the CS5530A IDE controllers’ internal state machines. 0 = Run; 1 = Reset.
This bit is level-sensitive and must be explicitly cleared to 0 to remove the reset.
2
IDE Reset: Reset IDE bus. 0 = Deassert IDE bus reset signal; 1 = Assert IDE bus reset signal.
This bit is level-sensitive and must be explicitly cleared to 0 to remove the reset.
IDE_ADDR[2:0]
IRQ14
IRQ15
IDE_DATA[15:0]
Primary
Channel
Secondary
Channel
IDE_RST#
IDE_CS0#, IDE_DREQ0,
IDE_DACK0#, IDE_IORDY0,
IDE_IOR0#, IDE_IOW0#
IDE_CS1#, IDE_DREQ1,
IDE_DACK1#, IDE_IORDY1,
IDE_IOR1#, IDE_IOW1#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com