Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 108Page - Advanced Micro Devices CS5530A Datasheet HTML 109Page - Advanced Micro Devices CS5530A Datasheet HTML 110Page - Advanced Micro Devices CS5530A Datasheet HTML 111Page - Advanced Micro Devices CS5530A Datasheet HTML 112Page - Advanced Micro Devices CS5530A Datasheet HTML 113Page - Advanced Micro Devices CS5530A Datasheet HTML 114Page - Advanced Micro Devices CS5530A Datasheet HTML 115Page - Advanced Micro Devices CS5530A Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 259 page
background image
112
AMD Geode™ CS5530A Companion Device Data Book
IDE Controller
Revision 1.1
Table 4-56. PIO Programming Registers
Bit
Description
F2BAR+I/O Offset 20h-23h
Channel 0 Drive 0 PIO Register (R/W)
Reset Value = 0000E132h (Note)
If Offset 24h[31] = 0, Format 0: Selects slowest PIOMODE per channel for commands.
Format 0 settings for: PIO Mode 0 = 00009172h
PIO Mode 1 = 00012171h
PIO Mode 2 = 00020080h
PIO Mode 3 = 00032010h
PIO Mode 4 = 00040010h
31:20
Reserved: Set to 0.
19:16
PIOMODE: PIO mode
15:12
t2I: Recovery time (value + 1 cycle)
11:8
t3: IDE_IOW# data setup time (value + 1 cycle)
7:4
t2W: IDE_IOW# width minus t3 (value + 1 cycle)
3:0
t1: Address Setup Time (value + 1 cycle)
If Offset 24h[31] = 1, Format 1: Allows independent control of command and data.
Format 1 settings for: PIO Mode 0 = 9172D132h
PIO Mode 1 = 21717121h
PIO Mode 2 = 00803020h
PIO Mode 3 = 20102010h
PIO Mode 4 = 00100010h
31:28
t2IC: Command cycle recovery time (value + 1 cycle)
27:24
t3C: Command cycle IDE_IOW# data setup (value + 1 cycle)
23:20
t2WC: Command cycle IDE_IOW# pulse width minus t3 (value + 1 cycle)
19:16
t1C: Command cycle address setup time (value + 1 cycle)
15:12
t2ID: Data cycle recovery time (value + 1 cycle)
11:8
t3D: Data cycle IDE_IOW# data setup (value + 1 cycle)
7:4
t2WD: Data cycle IDE_IOW# pulse width minus t3 (value + 1 cycle)
3:0
t1D: Data cycle address Setup Time (value + 1 cycle)
Note: The reset value of this register is not a valid PIO Mode.
Offset 28h-2Bh
Channel 0 Drive 1 PIO Register (R/W)
Reset Value = 0000E132h
Channel 0 Drive 1 Programmed I/O Control Register: Refer to F2BAR+I/O Offset 20h for bit descriptions.
Offset 30h-33h
Channel 1 Drive 0 PIO Register (R/W)
Reset Value = 0000E132h
Channel 1 Drive 0 Programmed I/O Control Register: Refer to F2BAR+I/O Offset 20h for bit descriptions.
Offset 38h-3Bh
Channel 1 Drive 1 PIO Register (R/W)
Reset Value = 0000E132h
Channel 1 Drive 1 Programmed I/O Control Register: Refer to F2BAR+I/O Offset 20h for bit descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com