Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 144 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 144 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 140Page - Advanced Micro Devices CS5530A Datasheet HTML 141Page - Advanced Micro Devices CS5530A Datasheet HTML 142Page - Advanced Micro Devices CS5530A Datasheet HTML 143Page - Advanced Micro Devices CS5530A Datasheet HTML 144Page - Advanced Micro Devices CS5530A Datasheet HTML 145Page - Advanced Micro Devices CS5530A Datasheet HTML 146Page - Advanced Micro Devices CS5530A Datasheet HTML 147Page - Advanced Micro Devices CS5530A Datasheet HTML 148Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 259 page
background image
144
AMD Geode™ CS5530A Companion Device Data Book
PCI Configuration Space and Access Methods
Revision 1.1
5.1
PCI Configuration Space and Access Methods
Configuration cycles are generated in the processor. All
configuration registers in the CS5530A are accessed
through the PCI interface using the PCI Type One Configu-
ration Mechanism. This mechanism uses two DWORD I/O
locations at 0CF8h and 0CFCh. The first location (0CF8h)
references the Configuration Address Register. The sec-
ond location (0CFCh) references the Configuration Data
Register.
To access PCI configuration space, write the Configuration
Address (0CF8h) Register with data that specifies the
CS5530A as the device on PCI being accessed, along with
the configuration register offset. On the following cycle, a
read or write to the Configuration Data Register (CDR)
causes a PCI configuration cycle to the CS5530A. BYTE,
WORD, or DWORD accesses are allowed to the CDR at
0CFCh, 0CFDh, 0CFEh, or 0CFFh.
The CS5530A has six configuration register sets, one for
each function (F0-F4) and USB (PCIUSB). Base Address
Registers (BARs) in the PCI header registers are pointers
for additional I/O or memory mapped configuration regis-
ters.
Table 4-1 shows the PCI Configuration Address Register
(0CF8h) and how to access the PCI header registers.
Table 5-1. PCI Configuration Address Register (0CF8h)
31
30
24
23
16
15
11
10
8
7
2
1
0
Configuration
Space Mapping
RSVD
Bus Number
Device Number
Function
Index
DWORD
00
1 (Enable)
000 0000
0000 0000
xxxx x (Note)
xxx
xxxx xx
00 (Always)
Function 0 (F0): Bridge Configuration Register Space
80h
0000 0000
1001 0 or 1000 0
000
Index
Function 1 (F1): SMI Status and ACPI Timer Register Space
80h
0000 0000
1001 0 or 1000 0
001
Index
Function 2 (F2): IDE Controller Register Space
80h
0000 0000
1001 0 or 1000 0
010
Index
Function 3 (F3): XpressAUDIO™ Subsystem Register Space
80h
0000 0000
1001 0 or 1000 0
011
Index
Function 4 (F4): Video Controller Register Space
80h
0000 0000
1001 0 or 1000 0
100
Index
PCIUSB: USB Controller Register Space
80h
0000 0000
1001 1 or 1000 1
000
Index
Note: The device number depends upon the strapping of pin H26 (HOLD_REQ#) during POR.
Strap pin H26 low: IDSEL = AD28 for Chipset Register Space and AD29 for USB Register Space
Strap pin H26 high: IDSEL = AD26 for Chipset Register Space and AD27 for USB Register Space
The strapping of pin H26 can be read back in F0 Index 44h[6].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com