Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 145 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 145 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 141Page - Advanced Micro Devices CS5530A Datasheet HTML 142Page - Advanced Micro Devices CS5530A Datasheet HTML 143Page - Advanced Micro Devices CS5530A Datasheet HTML 144Page - Advanced Micro Devices CS5530A Datasheet HTML 145Page - Advanced Micro Devices CS5530A Datasheet HTML 146Page - Advanced Micro Devices CS5530A Datasheet HTML 147Page - Advanced Micro Devices CS5530A Datasheet HTML 148Page - Advanced Micro Devices CS5530A Datasheet HTML 149Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
145
Register Summary
Revision 1.1
5.2
Register Summary
The tables in this subsection summarize all the registers of the CS5530A. Included in the tables are the register’s reset val-
ues and page references where the bit formats are found.
Table 5-2. Function 0: PCI Header and Bridge Configuration Registers Summary
F0 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-15)
00h-01h
16
RO
Vendor Identification Register
1078h
Page 155
02h-03h
16
RO
Device Identification Register
0100h
Page 155
04h-05h
16
R/W
PCI Command Register
000Fh
Page 155
06h-07h
16
R/W
PCI Status Register
0280h
Page 155
08h
8
RO
Device Revision ID Register
xxh
Page 156
09h-0Bh
24
RO
PCI Class Code Register
060100h
Page 156
0Ch
8
R/W
PCI Cache Line Size Register
00h
Page 156
0Dh
8
R/W
PCI Latency Timer Register
00h
Page 156
0Eh
8
RO
PCI Header Type Register
80h
Page 156
0Fh
8
RO
PCI BIST Register
00h
Page 156
10h-1Fh
--
--
Reserved
xxh
Page 156
20h-3Fh
--
--
Reserved
00h
Page 156
40h
8
R/W
PCI Function Control Register 1
89h
Page 156
41h
8
R/W
PCI Function Control Register 2
10h
Page 157
42h
8
R/W
PCI Function Control Register 3
ACh
Page 157
43h
8
R/W
USB Shadow Register
03h
Page 157
44h
8
R/W
Reset Control Register
01h
Page 158
45h-4Fh
--
--
Reserved
00h
Page 158
50h
8
R/W
PIT Control/ISA CLK Divider
7Bh
Page 158
51h
8
R/W
ISA I/O Recovery Control Register
40h
Page 159
52h
8
R/W
ROM/AT Logic Control Register
F8h
Page 159
53h
8
R/W
Alternate CPU Support Register
00h
Page 159
54h-59h
--
--
Reserved
xxh
Page 160
5Ah
8
R/W
Decode Control Register 1
03h
Page 160
5Bh
8
R/W
Decode Control Register 2
20h
Page 160
5Ch
8
R/W
PCI Interrupt Steering Register 1
00h
Page 160
5Dh
8
R/W
PCI Interrupt Steering Register 2
00h
Page 161
5Eh-6Fh
--
--
Reserved
xxh
Page 161
70h-71h
16
R/W
General Purpose Chip Select Base Address Register
0000h
Page 161
72h
8
R/W
General Purpose Chip Select Control Register
00h
Page 161
73h-7Fh
--
--
Reserved
xxh
Page 161
80h
8
R/W
Power Management Enable Register 1
00h
Page 161
81h
8
R/W
Power Management Enable Register 2
00h
Page 162
82h
8
R/W
Power Management Enable Register 3
00h
Page 163
83h
8
R/W
Power Management Enable Register 4
00h
Page 164
84h
8
RO
Second Level Power Management Status Mirror Register 1
00h
Page 165
85h
8
RO
Second Level Power Management Status Mirror Register 2
00h
Page 165
86h
8
RO
Second Level Power Management Status Mirror Register 3
00h
Page 166
87h
8
RO
Second Level Power Management Status Mirror Register 4
00h
Page 166
88h
8
R/W
General Purpose Timer 1 Count Register
00h
Page 167
89h
8
R/W
General Purpose Timer 1 Control Register
00h
Page 167
8Ah
8
R/W
General Purpose Timer 2 Count Register
00h
Page 168
8Bh
8
R/W
General Purpose Timer 2 Control Register
00h
Page 168
8Ch
8
R/W
IRQ Speedup Timer Count Register
00h
Page 168
8Dh
8
R/W
Video Speedup Timer Count Register
00h
Page 169
8Eh
8
R/W
VGA Timer Count Register
00h
Page 169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com