Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 143 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 143 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 139Page - Advanced Micro Devices CS5530A Datasheet HTML 140Page - Advanced Micro Devices CS5530A Datasheet HTML 141Page - Advanced Micro Devices CS5530A Datasheet HTML 142Page - Advanced Micro Devices CS5530A Datasheet HTML 143Page - Advanced Micro Devices CS5530A Datasheet HTML 144Page - Advanced Micro Devices CS5530A Datasheet HTML 145Page - Advanced Micro Devices CS5530A Datasheet HTML 146Page - Advanced Micro Devices CS5530A Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
143
Register Descriptions
Revision 1.1
5.0Register Descriptions
The Geode CS5530A is a multi-function device. Its register
space can be broadly divided into four categories in which
specific types of registers are located:
1)
Chipset Register Space (F0-F4)
2)
USB Controller Register Space (PCIUSB)
3)
ISA Legacy I/O Register Space (I/O Port)
4)
V-ACPI I/O Register Space (I/O Port)
The Chipset and the USB Controller Register Spaces are
accessed through the PCI interface using the PCI Type
One Configuration Mechanism.
The Chipset Register Space of the CS5530A is com-
prised of five separate functions (F0-F4) each with its own
register space consisting of PCI header registers and
memory or I/O mapped registers.
F0: Bridge Configuration Registers
F1: SMI Status and ACPI Timer Registers
F2: IDE Controller Registers
F3: XpressAUDIO™ Subsystem Registers
F4: Video Controller Registers
The PCI header is a 256-byte region used for configuring a
PCI device or function. The first 64 bytes are the same for
all PCI devices and are predefined by the PCI specification.
These registers are used to configure the PCI for the
device. The rest of the 256-byte region is used to configure
the device or function itself.
The USB Controller Register Space consists of the stan-
dard PCI header registers. The USB controller supports
two ports and is OpenHCI-compliant.
The ISA Legacy I/O Register Space contains all the leg-
acy compatibility I/O ports that are internal, trapped, shad-
owed, or snooped.
The V-ACPI I/O Register Space contains two types of reg-
isters: Fixed Feature and General Purpose. These regis-
ters are emulated by the SMI handling code rather than
existing in physical hardware. To the ACPI-compliant oper-
ating system, the SMI-base virtualization is transparent. An
ACPI compliant system is one whose underlying BIOS,
device drivers, chipset and peripherals conform to revision
1.0 or newer of the Advanced Control and Power Interface
specification.
The CS5530A V-ACPI (Virtual ACPI) solution provides the
following support:
• CPU States — C1, C2
• Sleep States — S1, S2, S4, S4BIOS, S5
• Embedded Controller (Optional) — SCI and SWI event
inputs
• General Purpose Events — Fully programmable GPE0
Event Block registers
The remaining subsections of this chapter are as follows:
• A brief discussion on how to access the registers
located in the PCI Configuration Space
• Register summary
• Detailed bit formats of all registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com