Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 139 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 139 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 135Page - Advanced Micro Devices CS5530A Datasheet HTML 136Page - Advanced Micro Devices CS5530A Datasheet HTML 137Page - Advanced Micro Devices CS5530A Datasheet HTML 138Page - Advanced Micro Devices CS5530A Datasheet HTML 139Page - Advanced Micro Devices CS5530A Datasheet HTML 140Page - Advanced Micro Devices CS5530A Datasheet HTML 141Page - Advanced Micro Devices CS5530A Datasheet HTML 142Page - Advanced Micro Devices CS5530A Datasheet HTML 143Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
139
Display Subsystem Extensions
Revision 1.1
4.8.5
Display Interface
The CS5530A interfaces directly to a variety of display
devices including conventional analog CRT displays, TFT
flat panels, or optionally to digital NTSC/PAL encoder
devices.
4.8.5.1
Video DACs
The CS5530A incorporates three 8-bit video Digital-to-Ana-
log Converters (DACs) for interfacing directly to CRT dis-
plays. The video DACs meet the VESA specification and
are capable of operation up to 157.5 MHz for supporting up
to 1280x1024 display at a 85 Hz refresh rate and are VESA
compliant.
4.8.5.2
VESA DDC2B / DPMS
The CS5530A supports the VESA DDC2B and DPMS
standards for enhanced monitor communications and
power management support.
4.8.5.3
Flat Panel Support
The CS5530A also interfaces directly to industry standard
18-bit Active Matrix Thin-Film-Transistor (TFT) flat panels.
The CS5530A includes 24-bit to 18-bit dithering logic to
increase the apparent number of colors displayed on 18-bit
flat panels.
In addition, the CS5530A incorporates power sequencing
logic to simplify the design of a portable system.
If flat panel support is not required, the flat panel output
port may be used to supply digital video data to one of sev-
eral types of NTSC/PAL encoder devices on the market.
Flat Panel Power-Up/Down Sequence
When the Flat Panel Power Enable bit (F4BAR+Memory
Offset 04h[6]) transitions from a 0 to 1, the FP_ENA_VDD
signal is enabled. This is followed by the data bus (includ-
ing syncs and ENA_DISP). Finally, FP_ENA_BKL is
enabled. The time between each of these successive
stages is set by the value of the Power Sequence Delay
bits (F4BAR+Memory Offset 04h[19:17]). The value in
these bits refer to the number of graphics frames that will
elapse between each successive enabling of the TFT sig-
nals. For example, if the Power Sequence Delay is set to 3h
(011b), then three frame times will elapse between the time
when FP_ENA_VDD is transitioned and the data bus is
transitioned. Likewise, three frame times will elapse
between
the
data
bus
getting
enabled
and
the
FP_ENA_BKL is transitioned. If the panel is being
refreshed at 100 Hz, each frame lasts 1 ms. So, if the
Power Sequence Delay is set to 3, 3 ms will elapse
between transitions. When powering off the panel, the sig-
nals are transitioned in the opposite order (FP_ENA_BKL,
data bus, FP_ENA_VDD) using the same Power Sequence
Delay in the power-down sequence.
3
DAC Blank Enable: This bit enables the blank to the video DACs.
0 = DACs are constantly blanked; 1 = DACs are blanked normally.
2
CRT Vertical Sync Enable: Enables the CRT vertical sync. Used for VESA DPMS support. 0 = Disable; 1 = Enable.
1
CRT Horizontal Sync Enable: Enables the CRT horizontal sync. Used for VESA DPMS support.
0 = Disable; 1 = Enable.
0
Display Enable: Enables the graphics display pipeline. It is used as a reset for the display control logic.
0 = Reset display control logic; 1 = Enable display control logic.
Table 4-76. Display Configuration Register (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com