Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 137 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 137 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 133Page - Advanced Micro Devices CS5530A Datasheet HTML 134Page - Advanced Micro Devices CS5530A Datasheet HTML 135Page - Advanced Micro Devices CS5530A Datasheet HTML 136Page - Advanced Micro Devices CS5530A Datasheet HTML 137Page - Advanced Micro Devices CS5530A Datasheet HTML 138Page - Advanced Micro Devices CS5530A Datasheet HTML 139Page - Advanced Micro Devices CS5530A Datasheet HTML 140Page - Advanced Micro Devices CS5530A Datasheet HTML 141Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
137
Display Subsystem Extensions
Revision 1.1
4.8.3
Video Overlay
The video data from the color-space converter is then
mixed with the graphics data based upon the video window
position. The video window position is programmable via
the Video X and Y Position Registers (F4BAR+Memory
Offset 08h and 0Ch). A color-keying mechanism is
employed to compare either the source (video) or destina-
tion (graphics) color to the color key programmed via the
Video Color Key Register (FBAR+Offset 14h) and to select
the appropriate pixel for display within the video window.
The range of the color key is programmable by setting the
appropriate bits in the Video Color Mask Register
(F4BAR+Memory Offset 18h). This mechanism greatly
reduces the software overhead for computing visible pixels,
and ensures that the video display window may be partially
occluded by overlapping graphics data. Tables 4-74 and 4-
75 show the bit formats for these registers
The CS5530A accepts graphics data over the PIXEL[23:0]
interface from the GX1 processor at the screen DOT clock
rate. The CS5530A is capable of displaying graphics reso-
lutions up to 1600x1200 at color depths up to 24 bits per
pixel (bpp) while simultaneously overlaying a video window.
However, system maximum resolution is not determined by
the CS5530A since it is not the source of the graphics data
and timings.
Table 4-74. Video X and Y Position Registers
Bit
Description
F4BAR+Memory Offset 08h-0Bh
Video X Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
Video X End Position: This field represents the horizontal end position of the video window according to the following
formula. Position programmed = screen position + (H_TOTAL – H_SYNC_END) – 13.
15:11
Reserved: Set to 0.
10:0
Video X Start Position: This field represents the horizontal start position of the video window according to the following
formula. Position programmed = screen position + (H_TOTAL – H_SYNC_END) – 13.
F4BAR+Memory Offset 0Ch-0Fh
Video Y Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
Video Y End Position: This field represents the vertical end position of the video window according to the following formula.
Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
15:11
Reserved: Set to 0.
10:0
Video Y Start Position: This field represents the vertical start position of the video window according to the following
formula. Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
Table 4-75. Video Color Registers
Bit
Description
F4BAR+Memory Offset 14h-17h
Video Color Key Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Key: This field represents the video color key. It is a 24-bit RGB value. The graphics or video data being
compared may be masked prior to the compare by programming the Video Color Mask Register (F4BAR+Memory Offset
18h) appropriately.
F4BAR+Memory Offset 18h-1Bh
Video Color Mask Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Mask: This field represents the video color mask. It is a 24-bit RGB value. Zeroes in the mask cause the
corresponding bits in the graphics or video stream being compared to be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com