Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 134 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 130Page - Advanced Micro Devices CS5530A Datasheet HTML 131Page - Advanced Micro Devices CS5530A Datasheet HTML 132Page - Advanced Micro Devices CS5530A Datasheet HTML 133Page - Advanced Micro Devices CS5530A Datasheet HTML 134Page - Advanced Micro Devices CS5530A Datasheet HTML 135Page - Advanced Micro Devices CS5530A Datasheet HTML 136Page - Advanced Micro Devices CS5530A Datasheet HTML 137Page - Advanced Micro Devices CS5530A Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 259 page
background image
134
AMD Geode™ CS5530A Companion Device Data Book
Display Subsystem Extensions
Revision 1.1
4.8.2
Video Accelerator
The CS5530A off-loads the processor from several com-
puting-intensive tasks related to the playback of full motion
video. By incorporating this level of hardware-assist, a
CS5530A/GX1 processor based system can sustain 30
frames-per-second of MPEG quality video.
4.8.2.1
Line Buffers
The CS5530A accepts an 8-bit video stream from the pro-
cessor and provides three full MPEG resolution line buffers
(3x360x32-bit). MPEG source horizontal resolutions up to
720 pixels are supported. By having three line buffers, the
display pipeline can read from two lines while the next line
of data is being loaded from the processor. This minimizes
memory bandwidth utilization by requiring that a source
line be transferred only once per frame. Peak bandwidth is
also reduced by requiring that the video source line be
transferred within the horizontal line time rather than forc-
ing the transfer to occur during the active video window.
This efficient utilization of memory bandwidth allows the
processor and graphics accelerator an increased opportu-
nity to access the memory subsystem and improves overall
system performance during video playback.
4.8.2.2
Video Port Protocol
The video port operates at one-half the processor’s core
clock rate and utilizes a two-wire handshake protocol. The
VID_VAL input signal indicates that valid data has been
placed on the VID_DATA[7:0] bus. When the CS5530A is
ready to accept data, it asserts VID_RDY to indicate that a
line buffer is free to accept the next line. When both
VID_VAL
and
VID_RDY
are
asserted,
VID_DATA
advances.
The VID_RDY signal is driven by the CS5530A one clock
early to the processor while the VID_VAL signal is driven
by the processor coincident with valid data on VID_DATA. A
sample timing diagram is shown in Figure 4-24.
Figure 4-24. Video Port Protocol
VID_CLK
VID_VAL
8 CLKs
8 + 2CLKs
VID_RDY
2 CLKs
3 CLKs
VID_DATA[7:0]
8 CLKs
Note: VID_CLK = CORE_CLK/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com