Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 132Page - Advanced Micro Devices CS5530A Datasheet HTML 133Page - Advanced Micro Devices CS5530A Datasheet HTML 134Page - Advanced Micro Devices CS5530A Datasheet HTML 135Page - Advanced Micro Devices CS5530A Datasheet HTML 136Page - Advanced Micro Devices CS5530A Datasheet HTML 137Page - Advanced Micro Devices CS5530A Datasheet HTML 138Page - Advanced Micro Devices CS5530A Datasheet HTML 139Page - Advanced Micro Devices CS5530A Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 259 page
background image
136
AMD Geode™ CS5530A Companion Device Data Book
Display Subsystem Extensions
Revision 1.1
4.8.2.4
X and Y Scaler / Filter
The CS5530A supports horizontal and vertical scaling of
the video stream up to eight times the source resolution.
The scaler uses a Digital-Differential-Analyzer (DDA)
based upon the values programmed in the Video Scale
Register (F4BAR+Memory Offset 10h, see Table 4-73)
The scaled video stream is then passed through horizontal
and vertical filters which perform a 2-tap, 8-phase bilinear
filter on the resulting stream. The filtering function removes
the “blockiness” of the scaled video thereby significantly
improving the quality of the displayed image.
By performing the scaling and filtering function in hard-
ware, video performance is substantially improved over
pure software implementations by requiring that the
decompression software only output the video stream at
the native source resolution. This saves both processor
overhead and memory bandwidth.
4.8.2.5
Color-Space-Converter
After scaling and filtering have been applied, the YUV
video data is passed through the color-space converter to
obtain 24-bit RGB video data. The color-space conversion
equations are based on the CCIR Recommendation 601-1
as follows:
R = 1.164(Y–16) + 1.596(V–128)
G = 1.164(Y–16) – 0.813(V–128) – 0.391(U–128)
B = 1.164(Y–16) + 2.018(U–128)
The color-space converter clamps inputs to acceptable lim-
its if the data is not well behaved. The color-space con-
verter is bypassed for overlaying 16 bpp RGB graphics
data.
Table 4-73. Video Scale Register
Bit
Description
F4BAR+Memory Offset 10h-13h
Video Scale Register (R/W)
Reset Value = xxxxxxxxh
31:30
Reserved: Set to 0.
29:16
Video Y Scale Factor: This field represents the video window vertical scale factor according to the following
formula.
VID_Y_SCL = 8192 * (Ys - 1) / (Yd - 1)
Where:
Ys = Video source vertical size in lines
Yd = Video destination vertical size in lines
15:14
Reserved: Set to 0.
13:0
Video X Scale Factor: This field represents the video window horizontal scale factor according to the following
formula.
VID_X_SCL = 8192 * (Xs - 1) / (Xd - 1)
Where:
Xs = Video source horizontal size in pixels
Xd = Video destination horizontal size in pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com