Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 133 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 133 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 129Page - Advanced Micro Devices CS5530A Datasheet HTML 130Page - Advanced Micro Devices CS5530A Datasheet HTML 131Page - Advanced Micro Devices CS5530A Datasheet HTML 132Page - Advanced Micro Devices CS5530A Datasheet HTML 133Page - Advanced Micro Devices CS5530A Datasheet HTML 134Page - Advanced Micro Devices CS5530A Datasheet HTML 135Page - Advanced Micro Devices CS5530A Datasheet HTML 136Page - Advanced Micro Devices CS5530A Datasheet HTML 137Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
133
Display Subsystem Extensions
Revision 1.1
4.8
Display Subsystem Extensions
The CS5530A incorporates extensions to the GX1 proces-
sor’s’ display subsystem. These include:
• Video Interface Configuration Registers
— Line Buffers
— Video Port Protocol
—Video Format
— X and Y Scaler / Filter
— Color-Space-Converter
• Video Accelerator
• Gamma RAM
• Display Interface
— Video DACs
— VESA DDC2B / DPMS
— Flat Panel Support
Figure 4-23 shows the data path of the display subsystem
extensions.
4.8.1
Video Interface Configuration Registers
Registers for configuring the video interface are accessed
through F4 Index 10h, the Base Address Register (F4BAR)
in Function 4. F4BAR sets the base address for the Video
Interface Configuration Registers as shown in Table 4-71.
Note:
All Video Interface Configuration Registers have a
32-bit access granularity (only).
The following subsections describe the video interface and
the registers used for programming purposes. However, for
complete bit information refer to Section 5.3.5 "Video Con-
troller Registers - Function 4" on page 198.
Figure 4-23. 8-Bit Display Subsystem Extensions
Table 4-71. Base Address Register (F4BAR) for Video Controller Support Registers
Bit
Description
F4 Index 10h-13h
Base Address Register — F4BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped video controller registers. Bits [11:0] are read only (0000 0000 0000),
indicating a 4 KB memory address range. Refer to Table 5-23 for the video controller register bit formats and reset values.
31:12
Video Controller and Clock Control Base I/O Address
11:0
Address Range (Read Only)
VID_DATA[7:0]
8
Input
Buffer 0
(3x360x32 bit)
Buffer 1
Buffer 2
Formatter
/
Scaler
Vertical
Filter
Horizontal
Filter
Color
Space
Converter
Formatter
24
Color Key
Color
Compare
24
PIXEL[23:0]
Bypass
Gamma
RAM
24
Video
Dither
24
8 each
DAC
RGB to CRT
FP_DATA
18
24
24
Enable Gamma
Correction Register
24
24
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com