Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9545 Datasheet HTML 29Page - Analog Devices AD9545 Datasheet HTML 30Page - Analog Devices AD9545 Datasheet HTML 31Page - Analog Devices AD9545 Datasheet HTML 32Page - Analog Devices AD9545 Datasheet HTML 33Page - Analog Devices AD9545 Datasheet HTML 34Page - Analog Devices AD9545 Datasheet HTML 35Page - Analog Devices AD9545 Datasheet HTML 36Page - Analog Devices AD9545 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 33 of 157
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
SYSTEM CLOCK INPUTS
XOA
XOB
AD9545
25MHz TO 60MHz
FUNDAMENTAL
AT-CUT CRYSTAL
CTUNE
CTUNE
Figure 23. System Clock Input (XOA/XOB) in Crystal Mode
(CTUNE = 2 × (CLOAD − CSTRAY), Where Typical CSTRAY = 2 pF to 5 pF)
XOA
330
Ω
150
Ω
0.1µF
XOB
AD9545
3.3V
CMOS
TCXO
0.1µF
Figure 24. System Clock Input (XOA, XOB)
When Using a TCXO/OCXO with 3.3 V CMOS Output
REFERENCE CLOCK INPUTS
R1
R2
REFx
OR
REFxx
INTERNAL DC THRESHOLD
FOR 1.2V OR 1.8V CMOS
AD9545
1.8 RECEIVER
CMOS
DRIVER
HI-Z
INPUT
Figure 25. Single-Ended DC-Coupled Mode, 1.2 V or 1.8 V CMOS
RL
(OPTIONAL)
0.1µF
REFx
OR
REFxx
AD9545
1.8 RECEIVER
DRIVER
1.2V
47k
Ω
47k
Ω
0.6V
Figure 26. Single-Ended AC-Coupled Interface Mode
REFx
OR
REFxx
AD9545
DRIVER
1.2V
47k
Ω
0.6V
Figure 27. Single-Ended Internal Pull-Up Resistor Mode
REFx
LVDS DRIVER
(1.2V COMMON-MODE)
REFxx
AD9545
100
Ω
20µA
20µA
20µA
20µA
1.2V
30k
Ω
30k
Ω
LEVEL SHIFT
Figure 28. Differential LVDS Input Mode
REFx
DIFFERENTIAL
DRIVER
REFxx
AD9545
RL
47k
Ω
47k
Ω
0.6V
0.1µF
0.1µF
1.2V
0.6V
47k
Ω
47k
Ω
Figure 29. Differential AC-Coupled Mode
(RL = 100 Ω Is Recommended, Except For HCSL)
REFx
DIFFERENTIAL DRIVER
(0.6V COMMON-MODE)
REFxx
AD9545
RL
Figure 30. Differential DC-Coupled Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com