Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9545 Datasheet HTML 7Page - Analog Devices AD9545 Datasheet HTML 8Page - Analog Devices AD9545 Datasheet HTML 9Page - Analog Devices AD9545 Datasheet HTML 10Page - Analog Devices AD9545 Datasheet HTML 11Page - Analog Devices AD9545 Datasheet HTML 12Page - Analog Devices AD9545 Datasheet HTML 13Page - Analog Devices AD9545 Datasheet HTML 14Page - Analog Devices AD9545 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 11 of 157
REFERENCE INPUTS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
Differential mode specifications assume ac coupling of the
input signal to the reference input pins
Frequency Range
Sinusoidal Input
750
MHz
Lower limit dependent on input slew rate
Low Voltage Positive
Emitter Coupled
Logic (LVPECL) Input
1
750 × 106
Hz
Lower limit dependent on ac coupling
LVDS Input
1
500 × 106
Hz
Assumes an LVDS minimum of 494 mV p-p differential
amplitude; lower limit dependent on ac coupling
Slew Rate for Sinusoidal
Input
20
V/µs
Minimum input slew rate for device operation; jitter
degradation may occur for slew rates < 35 V/µs
Common-Mode Input
Voltage
0.64
V
Internally generated self bias voltage
Differential Input
Amplitude
Peak-to-peak differential voltage swing across pins required to
ensure switching between logic levels as measured with a
differential probe; instantaneous voltage on either pin must
not exceed 1.3 V
fIN < 500 MHz
350
2100
mV p-p
fIN = 500 MHz to
750 MHz
500
2100
mV p-p
Differential Input Voltage
Hysteresis
55
100
mV
Input Resistance
16
kΩ
Equivalent differential input resistance
Input Pulse Width
LVPECL
600
ps
LVDS
900
ps
DC-COUPLED, LVDS-
COMPATIBLE MODE
Applies for dc coupling to an LVDS source
Frequency Range
1
450 × 106
Hz
Common-Mode Input
Voltage
1.125
1.375
V
Differential Input
Amplitude
400
1200
mV p-p
Differential voltage across pins required to ensure switching
between logic levels; instantaneous voltage on either pin
must not exceed the supply rails
Differential Input Voltage
Hysteresis
55
100
mV
Input Resistance
16
kΩ
Input Pulse Width
1
ns
SINGLE-ENDED MODE
Single-ended mode specifications assume dc coupling of the
input signal to the reference input pins
Frequency Range
1.2 V AC-Coupled
1
500 × 106
Hz
Lower limit dependent on ac coupling
1.2 V and 1.8 V
Complementary
Metal Oxide
Semiconductor
(CMOS)
1
500 × 106
Hz
CMOS specifications assume dc coupling of the input signal to
the reference input pins
1.2 V AC-Coupled
Common-Mode
Voltage
610
mV
Internally generated self-bias voltage
Input Amplitude (Single-
Ended, AC-Coupled
Mode)
360
1200
mV p-p
Peak-to-peak single-ended voltage swing; instantaneous
voltage must not exceed 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com