Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9545 Datasheet HTML 59Page - Analog Devices AD9545 Datasheet HTML 60Page - Analog Devices AD9545 Datasheet HTML 61Page - Analog Devices AD9545 Datasheet HTML 62Page - Analog Devices AD9545 Datasheet HTML 63Page - Analog Devices AD9545 Datasheet HTML 64Page - Analog Devices AD9545 Datasheet HTML 65Page - Analog Devices AD9545 Datasheet HTML 66Page - Analog Devices AD9545 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 63 of 157
DISTRIBUTION EMBEDDED OUTPUT CLOCK MODULATION
MODULATION CONTROLLER OVERVIEW
The AD9545 has the capability to embed a low frequency clock
within a high frequency carrier. Referring to Figure 48, only the
primary output of a Q divider pair routes to the modulation
controller, whereas the secondary output bypasses the modulation
controller and routes directly to the N-shot/PRBS controller. Thus,
only the primary distribution clock outputs support embedded
clock modulation capability (for example, Output OUT0AP
supports modulation whereas Output OUT0AN does not).
Embedded clock modulation consists of dynamically varying
the pulse width of the designated Q divider output clock, where
each variation of the pulse width constitutes a modulation
event. A modulation event always spans two Q divider clock
cycles (see the Balanced and Unbalanced Modulation section).
An expanded diagram of the modulation controller appears in
Figure 54. Although Figure 54 is specific to PLL Channel 0, it is
also representative of PLL Channel 1, because there is a
dedicated modulation controller for each PLL channel.
Any one or more single-letter Q divider outputs (for example,
Q0A but not Q0AA) can operate as an embedded clock modulator.
To enable embedded modulation, program the appropriate enable
Qxy modulator bits (where x is 0 or 1 and y is A, B or C) in Bit D0
of Register 0x10CF to Register 0x10D1 and Register 0x14CF to
Register 0x14D0. Logic 1 selects the designated Q divider for
embedded clock modulation, whereas Logic 0 (default)
bypasses the modulation controller (via the mux in Figure 54).
MODULATION CONTROLLER
MODULATOR A
ENABLE Q0A
N-SHOT MODULATOR
MODULATOR B
ENABLE Q0A MODULATOR
MODULATION STEP
Q0A MODULATION COUNTER
16
MODULATOR C
16
OUT
OUT
MODULATION
BLOCK
TRIGGER
MODE
IN
STEP
TRIGGER
MODE
IN
STEP
SIGA
SNCA
INA
INB
INC
SYNC
SYNC
SIGB
SNCB
SIGC
SNCC
SIGAA
SIGBB
SIGCC
Q0A
Q0AA
Q0B
Q0BB
Q0C
Q0CC
TRIGGER
MODE
TEXT
= BIT(S) IN THE REGISTER MAP
Q0A MODULATOR POLARITY
ENABLE Q0A SINGLE-PULSE MODULATOR
Figure 54. Block Diagram of Embedded Clock Modulation Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com