Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 100 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9545 Datasheet HTML 96Page - Analog Devices AD9545 Datasheet HTML 97Page - Analog Devices AD9545 Datasheet HTML 98Page - Analog Devices AD9545 Datasheet HTML 99Page - Analog Devices AD9545 Datasheet HTML 100Page - Analog Devices AD9545 Datasheet HTML 101Page - Analog Devices AD9545 Datasheet HTML 102Page - Analog Devices AD9545 Datasheet HTML 103Page - Analog Devices AD9545 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 100 of 157
ANALOG PLL (APLL)
APLL OVERVIEW
Figure 81 shows a block diagram of the APLL, which is valid for
both APLL0 and APLL1. The main components of the APLL
comprise the following:
•
An integrated VCO
•
A combined phase/frequency detector (PFD) and charge
pump
•
A loop filter
•
A feedback divider (M-divider)
The purpose of the APLL is
•
To provide a low noise output clock signal
•
To upconvert the DPLL output frequency to ~3 GHz
•
To suppress the spurious artifacts of the NCO
VOLTAGE CONTROLLED OSCILLATOR (VCO)
The VCO provides a clean, low noise RF clock signal in the
3 GHz range that feeds the output distribution section, with
APLL0 as the source for the OUT0x outputs and APLL1 as the
source for the OUT1x outputs. The VCOs for APLL0 and
APLL1 cover nonoverlapping frequency ranges, as shown in
Table 46. The output frequency of the APPL is ½ its VCO
frequency due to the P-divider (see Figure 81).
Table 46. APLL VCO Frequency and Gain
APLL
VCO Frequency (MHz)
VCO Gain (MHz/V)
0
2424 to 3232
60
1
3232 to 4040
100
The VCO covers its approximately 800 MHz frequency range by
employing many narrow overlapping frequency bands. To
ensure the VCO uses the appropriate band for a given output
frequency and to accommodate proper operation over a broad
temperature range, the AD9545 incorporates an automated
VCO calibration feature.
VCO Calibration
To initiate VCO calibration of APLL0 or APLL1 independently,
write a Logic 1 to the appropriate calibrate APLLx bit (where x
is 0 or 1) in Bit D1 of Register 0x2100 and Register 0x2200. The
calibrate APLLx bit is not autoclearing; therefore, the user must
immediately restore these bits to Logic 0, because maintaining a
static Logic 1 state may cause unexpected device behavior.
To calibrate both APLL channels, the user can write a Logic 1 to
the calibrate all bit in Bit D1 of Register 0x2000 rather than
programming both calibrate APLLx bits. The calibrate all bit
calibrates the system clock PLL as well.
There are two options for checking the status of the APLL VCO
calibration process. One option is via Bits[5:4] of Register 0x3100
and Register 0x3200, which contain the APLLx calibration busy
and APLLx calibration done bits (where x is 0 or 1). Logic 1
constitutes the status indicated by the name of the bit. The other
option is via Bits[D1:D0] of Register 0x3014 and Register 0x3019,
which contain the APLLx calibration started and APLLx
calibration completed bits (where x is 0 or 1). Because these bits are
part of the IRQ mechanism (see the Interrupt Request (IRQ)
section), they constitute latched versions of the APLL calibration
busy and APLL calibration done bits. The user must clear the
APLLx calibration started and APLLx calibration completed
bits via Bits[D1:D0] of Register 0x200F and Register 0x2014 to
obtain visibility of subsequent state changes of the VCO
calibration process.
The APLL calibration busy status bit is also available as an
output signal via an appropriately configured Mx pin.
PHASE
DETECTOR AND
CHARGE PUMP
M-DIVIDER
VCO
CAL
LOCK
DETECTOR
APLLx MANUAL CHARGE PUMP CURRENT
7
LFx
LDOx
AD9545
TEXT
= BIT(S) IN THE REGISTER MAP
VCO
LOOP FILTER
FROM
DPLL
TO OUTPUT
DISTRIBUTION
CHARGE
PUMP
CONTROL
LOOP
FILTER
CONTROL
APLLx LOCK
APLLx UNLOCKED
ENABLE APLLx DC OFFSET CURRENT
APLLx DC OFFSET CURRENT DIRECTION
APLLx DC OFFSET CURRENT VALUE
APLLx LOOP FILTER ZERO RESISTOR (R1)
APLLx LOOP FILTER SECOND
POLE RESISTOR (R3)
APLLx LOOP FILTER POLE
CAPACITOR (C2)
2
2
3
3
CALIBRATE APLLx
APLLx CALIBRATION BUSY
APLLx CALIBRATION DONE
APLLx Mx
FEEDBACK DIVIDER
8
3.9nF
220nF
APLLx CALIBRATION START
APLLx CALIBRATION COMPLETE
ENABLE APLLx MANUAL CHARGE PUMP CURRENT
APLLx LOCKED
÷2
P-DIVIDER
Figure 81. APLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com