Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 103 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 103 Page - Analog Devices

Back Button AD9545 Datasheet HTML 99Page - Analog Devices AD9545 Datasheet HTML 100Page - Analog Devices AD9545 Datasheet HTML 101Page - Analog Devices AD9545 Datasheet HTML 102Page - Analog Devices AD9545 Datasheet HTML 103Page - Analog Devices AD9545 Datasheet HTML 104Page - Analog Devices AD9545 Datasheet HTML 105Page - Analog Devices AD9545 Datasheet HTML 106Page - Analog Devices AD9545 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 103 of 157
REFERENCE SWITCHING
REFERENCE SWITCHING OVERVIEW
The AD9545 has a sophisticated reference switching mechanism
administered by an internal controller. In general, the DPLL
operates in closed-loop mode, wherein it locks to the frequency
and phase of a reference input signal. However, if a reference
becomes invalid, the AD9545 can automatically switch to a
different reference input, depending on how the user programs
translation profiles (see the Translation Profiles section). In the
absence of any valid references, the AD9545 switches to one of
the two open-loop operating modes: holdover or freerun. The
DPLL selects freerun, holdover or manual/automatic source
selection per the DPLL mode selection flowchart of Figure 83.
The holdover, Translation Profile x.y valid, and priority
selection bubbles have associated flowcharts per Figure 84,
Figure 85 and Figure 86, respectively.
The DPLL has three status indicators to notify the user when
the DPLL begins the switch to a new reference input or when
the DPLL enters freerun or holdover mode. These indicators
(where x is 0 or 1) reside in Bits[D7:D5] of Register 0x3011 and
Register 0x3016, as follows:
•
DPLLx reference switching
•
DPLLx freerun entered
•
DPLLx holdover entered bit
The DPLLx reference switching bit latches to Logic 1 when the
DPLL is in the process of switching to an active translation
profile. The DPLLx freerun entered bit latches to Logic 1 when
the DPLL enters freerun mode. The DPLLx holdover entered bit
latches to Logic 1 when the DPLL enters holdover mode. Because
these are latched bits, the user must clear them via Bits[D7:D5]
of Register 0x200C and Register 0x2011 to obtain visibility of
subsequent state transitions to reference switching, freerun, or
holdover (see the Interrupt Request (IRQ) section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com