Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 80 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9545 Datasheet HTML 76Page - Analog Devices AD9545 Datasheet HTML 77Page - Analog Devices AD9545 Datasheet HTML 78Page - Analog Devices AD9545 Datasheet HTML 79Page - Analog Devices AD9545 Datasheet HTML 80Page - Analog Devices AD9545 Datasheet HTML 81Page - Analog Devices AD9545 Datasheet HTML 82Page - Analog Devices AD9545 Datasheet HTML 83Page - Analog Devices AD9545 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 80 of 157
DPLL FEEDBACK DIVIDER (N-DIVIDER)
The DPLL feedback N-divider consists of an integer and
fractional part. The fractional part, however, is only available in
buildout mode (see the Frequency Translation Loops section).
There are four unsigned 32-bit bit fields associated with the N-
divider as follows:
•
Profile x.y buildout N-divider
•
Profile x.y hitless N-divider
•
Profile x.y buildout fraction
•
Profile x.y buildout modulus
Although these four bit fields comprise 32 bits each, only the
lower 30 bits are useable as a valid divide ratio (that is, the two
most significant bits must always be zero). There are 12
occurrences of these bit fields: six occurrences associated with
the translation profiles for PLL0 and six associated with the
translation profiles for PLL1. These bit fields reside in the
Register 0x1200 to Register 0x12B7 and Register 0x1600 to
Register 0x16B7).
The programming requirements for the N-divider depends on
the selected operating mode (see the Frequency Translation
Loops section).
N-Divider for Phase Buildout Mode
In phase buildout mode, the N-divider is an integer plus
fractional divider (N + FRAC/MOD). Note that changing the
value of N or MOD when the corresponding translation profile
is active causes the associated DPLL to reacquire its reference
input signal. However, the DPLL can accommodate on the fly
changes to the FRAC value without causing a reacquisition.
To program the value of N, use Profile x.y buildout N-divider
bit field (where x is 0 or 1 and y is a value from 0 to 5). The
Profile x.y buildout N-divider bit fields reside in registers
starting with Address 0x120C, Address 0x122C, Address 0x124C,
Address 0x126C, Address 0x128C, Address 0x12AC, Address
0x160C, Address 0x162C, Address 0x164C, Address 0x166C,
0x168C, and Address 0x16AC.
Program the Profile x.y buildout N-divider bit field with a value
one less than the desired divide ratio. As a result, the N-divider
provides integer divide ratios from 1 to 1,073,741,824.
For example, for a divide ratio of N = 1,000,000, the Profile x.y
buildout N-divider bit field value is 999,999 (0x000F423F
hexadecimal).
Programming the fractional part of the N-divider requires two
integers. One integer constitutes the numerator of the fraction
(FRAC). The other integer constitutes the denominator of the
fraction (MOD).
Program FRAC via the 24-bit unsigned Profile x.y buildout
fraction bit field (where x is 0 or 1 and y is a value from 0 to 5).
The Profile x.y buildout fraction bit fields reside in registers
starting with Address 0x1210, Address 0x1230, Address 0x1250,
Address 0x1270, Address 0x1290, Address 0x12B0, Address
0x1610, Address 0x1630, Address 0x1650, Address 0x1670,
Address 0x1690, and Address 0x16B0.
Program MOD via the 24-bit unsigned Profile x.y buildout
modulus bit field (where x is 0 or 1 and y is a value from 0 to 5).
MOD must satisfy the constraint: FRAC < MOD. The Profile x.y
buildout modulus bit fields reside in registers starting with
Address 0x1213, Address 0x1233, Address 0x1253, Address
0x1273, Address 0x1293, Address 0x12B3, Address 0x1613,
Address 0x1633, Address 0x1653, Address 0x1673, Address
0x1693, and Address 0x16B3.
For phase buildout applications requiring the N-divider to be
integer only, program MOD = 0, which disables the fractional
divide portion of the N-divider.
For example, suppose the desired fractional part of the N-divider is
0.387429. Then the corresponding fraction is FRAC/MOD =
387,429/1,000,000. Generally, one reduces the FRAC/MOD
fraction to its lowest terms, but in this example, the fraction is
irreducible. Therefore, the Profile x.y buildout fraction bit field
value is 387,429 (0x0005E965 hexadecimal) and the Profile x.y
buildout modulus bit field value is 1,000,000 (0x000F4240
hexadecimal).
N-Divider for Zero Delay Mode
In the zero delay modes, the AD9545 automatically disables the
fractional divide portion of the N-divider. That is, zero delay
(hitless) operation necessitates that the DPLL operate as an
integer-N PLL.
N-Divider in Internal Zero Delay Mode
Program N via the 32-bit unsigned Profile x.y hitless N-divider
bit field (where x is 0 or 1 and y is a value from 0 to 5). The
Profile x.y hitless N-divider bit fields reside in registers starting
with Address 0x1208, Address 0x1228, Address 0x1248,
Address 0x1268, Address 0x1288, Address 0x12A8, Address
0x1608, Address 0x1628, Address 0x1648, Address 0x1668,
Address 0x1688, and Address 0x16A8. The format of this bit
field is identical to the Profile x.y buildout N-divider bit field.
However, even though the device is operating in zero delay
(hitless) mode, the user must still program the Profile x.y
buildout N-divider bit field to ensure proper operation of the
DPLL loop filter. The divide ratio is the DPLL NCO frequency
divided by the frequency of the TDC associated with the DPLL
reference input and rounded to the nearest integer. In the case
of internal zero delay operation, the Profile x.y buildout N-
divider bit field value relates to the Profile x.y hitless N-divider
bit field value as follows (rounded to nearest integer):
NBUILDOUT
= NHITLESS × 2 × Q/M
whereQ is the Q divider and M is the M divider (see Figure 62).
N-Divider in External Zero Delay Mode
There is no internal feedback divider associated with the DPLL
in external zero delay operation, because the feedback path is
external. Therefore, there is no requirement to program the
Profile x.y hitless N-divider bit field. However, the user must



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com