Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9545 Datasheet HTML 91Page - Analog Devices AD9545 Datasheet HTML 92Page - Analog Devices AD9545 Datasheet HTML 93Page - Analog Devices AD9545 Datasheet HTML 94Page - Analog Devices AD9545 Datasheet HTML 95Page - Analog Devices AD9545 Datasheet HTML 96Page - Analog Devices AD9545 Datasheet HTML 97Page - Analog Devices AD9545 Datasheet HTML 98Page - Analog Devices AD9545 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 95 of 157
Programming Delay Compensation Coefficients (Cx)
Coefficient C1 through C5 apply scale factors to the appropriate
powers of T. The Cx coefficients carry units of seconds/(°Cx).
The user programs the C1 through C5 coefficients via the signed
(twos complement) 16-bit DPLLx phase temperature compensa-
tion Ck significand and signed (twos complement) 8-bit DPLLx
phase temperature compensation Cx exponent bit fields, where
x (where x is 0 or 1). The Cx coefficients reside in Register 0x101A
to Register 0x1028 and Register 0x141A to Register 0x1428.
The Cx coefficient bit fields (DPLLx phase temperature
compensation Cx significand and DPLLx phase temperature
compensation Cx exponent) program in exactly the same
manner as the Tx significand and Tx exponent bit fields in the
System Clock Compensation section of the register map. An
example follows (see the Compensation Method 1 section for
details on converting coefficient values to bit field values).
Suppose a user makes measurements that indicate the output
clock signals of the AD9545 exhibit a delay variation of
−1 ns/°C. To compensate for this variation, apply a 1 ns/°C
correction. In polynomial form,
f(T) = C5T5 + C4T4 + C3T3 + C2T2 + C1T
where f(T) is the correction value in units of seconds as a
function of temperature (T).
Because the delay variation in this example is strictly linear with
respect to temperature, all the coefficients are zero except for
C1. Thus, in this example, the compensation polynomial
simplifies to the following:
f(T) = C1T
To apply 1 ns/°C compensation, C1 = 10−9 sec/°C. Referring to
the procedure in the Compensation Method 1 section, obtain
the following bit field values for C1:
C1_ExpVal =
1
2
log
|
C
|
log
1
+
=
1
2
log
|
10
|
log
-9
+
= −29
This value is greater than the quantization limit of −127.
Therefore, for the DPLLx phase temperature compensation
(PTC) C1 exponent,
DPLLx PTC C1 Exponent = C1_ExpVal
= −29
= 0xE3 (hexadecimal)
For the DPLLx PTC C1 significand,
DPLLx PTC C1 significand = C1 × 215 − C1_ExpVal
= 10−9 × 215 − (−29)
= 17,592 (nearest integer)
= 0x44B8 (hexadecimal)
Delay Compensation Filter
The Δt values produced by the delay compensation block depend
on temperature measurements (internal or external) as an input
parameter. Any noise associated with those measurements is a
potential noise source on Δt, which can lead to a degradation of
the phase noise performance of the DPLL. To mitigate potential
noise injection, the delay compensation block uses a filter that
applies a smoothing function to the raw Δt values.
The phase slew limiter (see the Phase Slew Rate Limit section)
does not process time variations injected into the DPLL by the
delay compensation filter. That is, these variations affect the
DPLL output without intervention by the phase slew limiter.
The user controls the filter bandwidth via the 3-bit unsigned
DPLLx phase temperature compensation filter bandwidth bit
field (where x is 0 or 1) in Bits[D2:D0] of Register 0x1029 and
Register 0x1429. The filter comprises a single-pole response
yielding a 3 dB bandwidth per Table 45 (which also shows the
transition time to 99% of a step input, associated with a step
change at the input to the filter).
Table 45. Delay Compensation Filter Bandwidth
Binary Value
3 dB Bandwidth (Hz)
Transition Time (ms)
000
243
3.27
001
121
6.58
010
61
13.0
011
30
26.5
100
15
53.1
101
8
99.5
110
4
199
111
2
398
TIME STAMP TAGGING OPTIONS
The input to the DPLL constitutes a reference TDC source and
a feedback TDC source. Furthermore, the user can enable
tagging of time stamps originating from those TDCs (see the
Tagged Time Stamps section). The user can also enable the
DPLL to operate based on tagged time stamps originating from
the reference and/or feedback TDCs.
The use of tagged timestamps by the DPLL only applies for zero
delay (hitless) mode. The DPLL ignores tagged time stamps in
phase buildout mode. See the Frequency Translation Loops section
for an explanation of zero delay and phase buildout modes.
The user establishes the tagged time stamp functionality of the
DPLL via the Profile x.y tag mode bit field in Bits[D4:D2] of
Register 0x1203, Register 0x1223, Register 0x1243, Register 0x1263,
Register 0x1283, Register 0x12A3, Register 0x1603, Register
0x1623, Register 0x1643, Register 0x1663, Register 0x1683, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com