Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9545 Datasheet HTML 68Page - Analog Devices AD9545 Datasheet HTML 69Page - Analog Devices AD9545 Datasheet HTML 70Page - Analog Devices AD9545 Datasheet HTML 71Page - Analog Devices AD9545 Datasheet HTML 72Page - Analog Devices AD9545 Datasheet HTML 73Page - Analog Devices AD9545 Datasheet HTML 74Page - Analog Devices AD9545 Datasheet HTML 75Page - Analog Devices AD9545 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 72 of 157
feedback signals and steering toward the reference clock edge
exhibiting the smallest relative phase offset.
Because a hitless acquisition undergoes frequency changes to
bring about phase alignment, there can be a significant phase
disturbance at the output while the loop locks to the phase of
the reference (even if the initial feedback and reference frequencies
are identical). The user can minimize this disturbance by placing a
limit on the DPLL output frequency excursion (caused by a
phase rate of change (δθ/δt) at its input) via the phase slew limit
feature (see the Phase Slew Rate Limit section). Furthermore,
the user can place a limit on the overall output frequency
excursion (due to both an input frequency offset and δθ/δt) by
using the frequency clamp feature (see the Tuning Word Offset
Clamp section).
Even during a hitless acquisition, the AD9545 builds out the
initial phase offset between the reference and feedback signals
(as though it were performing a phase buildout acquisition) to
help mitigate the disturbance at the output. However, unlike the
case of a phase buildout acquisition, the phase slew rate limiter
is operational during a hitless acquisition (see the Phase Slew
Rate Limit section for details on the phase slew rate limiter) and
applies slew rate limiting to the buildout phase transition as
needed.
For further information on how a PLL responds to switching
from one reference to another under hitless and phase buildout
operating modes see Application Note AN-1420.
Translation Mode Selection
PLL0 and PLL1 are capable of operating in any one of three
modes:
•
Phase buildout mode
•
Internal zero delay mode (hitless)
•
External zero delay mode (hitless)
The zero delay modes constitute hitless rather than phase
buildout operation. For details on each mode, see the Phase
Buildout Mode section, Internal Zero Delay (Hitless) Mode
section, and External Zero Delay (Hitless) Mode section.
The user selects the operating mode via the translation profile
registers. That is, each profile gives the user the option of selecting
any one of the three operating modes for that particular profile.
Each profile has two bits that allow the user to set the operating
mode for that profile (see Table 39). The first is the enable
Profile x.y hitless bit (where x is the PLL channel (0 or 1) and y
is the profile number (0 to 5)), which resides in Bit D0 of
Register 0x1203, Register 0x1223, Register 0x1243, Register 0x1263,
Register 0x1283, Register 0x12A3, Register 0x1603, Register
0x1623, Register 0x1643, Register 0x1663, Register 0x1683, and
Register 0x16A3.
The second is the enable Profile x.y external zero delay bit
(where x is the PLL channel (0 or 1) and y is the profile number
(0 to 5)), which resides in Bit D1 of Register 0x1203, Register
0x1223, Register 0x1243, Register 0x1263, Register 0x1283,
Register 0x12A3, Register 0x1603, Register 0x1623, Register
0x1643, Register 0x1663, Register 0x1683, and Register 0x16A3.
Table 39. Frequency Translation Modes
Enable
Profile x.y
Hitless Bit
Enable Profile x.y
External Zero
Delay Bit
Translation Mode
0
0
Phase buildout
0
1
Not applicable
1
0
Internal zero delay
1
1
External zero delay
PHASE BUILDOUT MODE
Figure 63 shows the phase buildout configuration. When the
AD9545 switches from one input reference to another in phase
buildout mode, it does so with virtually no phase disturbance at
the output, which is possible because the AD9545 is able to
determine the phase offset between the old and new references
(see the Initial Phase Skew Refinement Steps section for more
detail). As such, the device can compensate for the time offset
of the new reference by adding the appropriate value to (or
subtracting from) timestamps generated by the TDC associated
with the new reference.
REFx
TDC
OUTxyN/
OUTxyP
REFX
TDC
AD9545
R
AUX
NCO 0/NCO 1
TDC
TDC
OTHER DPLL
FEEDBACK
TDC
TDC
DIGITAL CROSS
POINT MUX
fS
TIME STAMP PROCESSOR,
DIGITAL LOOP FILTER,
TUNING WORD PROCESSOR
AND NCO
FEEDBACK
TDC
PFD
AND
LOOP
FILTER
M-DIVIDER
N-DIVIDER
TDC
OUTPUT
DISTRIBUTION
PHASE
BUILDOUT
DPLL
N + FRAC/MOD
MUX
SYSTEM
CLOCK
LFx
XOA XOB
Q
APLL
0
1
VCO
÷2
Figure 63. Phase Buildout PLL Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com