Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 86 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9545 Datasheet HTML 82Page - Analog Devices AD9545 Datasheet HTML 83Page - Analog Devices AD9545 Datasheet HTML 84Page - Analog Devices AD9545 Datasheet HTML 85Page - Analog Devices AD9545 Datasheet HTML 86Page - Analog Devices AD9545 Datasheet HTML 87Page - Analog Devices AD9545 Datasheet HTML 88Page - Analog Devices AD9545 Datasheet HTML 89Page - Analog Devices AD9545 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 86 of 157
For example, suppose the users want to set the Profile x
frequency lock threshold bit field to meet the frequency
threshold when the signal from the reference TDC is 80 kHz
and the signal from the feedback TDC is 79.32 kHz (or vice versa).
Profile x Frequency Lock Threshold = |1/fREF
− 1/fFB|/10−12
= |1/80,000 − 1/79,320|/10−12
= 170,161 (nearest integer)
= 0x0298B1 (hexadecimal)
For more information on how to choose the appropriate
frequency lock threshold, fill rate and drain rate values for a
given application, refer to AN-1061 Application Note.
FREERUN TUNING WORD
The closed switch in Figure 71 indicates the DPLL is operating
in closed-loop mode, where the loop filter delivers FTWs in real
time to the NCO. In open-loop operation, the switch is open
and a static FTW processor provides the FTW to the NCO. The
loop controller opens or closes the switch as needed. For
example, when the DPLL is in freerun mode (that is, DPLLx
force freerun = 1 in Bit D0 of Register 0x2105 or Register
0x2205), the loop controller opens the switch and the FTW
processor routes the contents of the DPLLx freerun tuning word
bit field to the NCO.
In this case, the 46-bit unsigned DPLLx freerun tuning word bit
field (where x is 0 or 1) establishes the NCO output frequency.
The DPLLx freerun tuning word bit fields reside in Register 0x1000
to Register 0x1005 and Register 0x1400 to Register 0x1405.
fNCO
= fS × DPLLx Freerun TW/248
where:
fNCO is the NCO output frequency.
fS is the system clock frequency.
DPLLx Freerun TW represents the value of the 46-bit DPLLx
freerun tuning word bit field.
For example, assume a system clock frequency of 2.3 GHz and a
desired NCO output frequency of 245.76 MHz. Solving the fNCO
equation for DPLLx freerun TW yields the required value for
the DPLLx freerun tuning word bit field:
DPLLx Freerun TW = 248
× (fNCO/fS)
(21)
= 248 × (245.76 × 106/(2.3 × 109))
= 30,076,213,163,657 (nearest integer)
= 0x1B5AAA007689 (hexadecimal)
Although the tuning resolution of the NCO is 48 bits, the
DPLLx freerun tuning word bit field supports only 46 bits. The
reason is that, under all normal operating conditions, the two
most significant bits of the DPLLx freerun TW calculation (see
Equation 21) are always Logic 0. Therefore, the tuning word is 48
bits, but the DPLLx freerun tuning word bit field only uses the
rightmost 46 bits of the tuning word.
The value of DPLLx freerun tuning word must satisfy the
constraints imposed by the NCO SDM (see the DPLL NCO
section).
DPLL FAST ACQUISITION (FACQ) OPTIONS
FACQ Overview
Certain applications necessitate very low loop bandwidths. For
example, an application where the input reference to the DPLL
originates from a GPS/GNSS receiver with a 1 pulse per second
output. A 1 Hz reference requires a loop bandwidth much less
than 1 Hz, which can lead to very long frequency acquisition
and phase lock times in the range of minutes.
To overcome the long acquisition time imposed by a sub 1 Hz
loop bandwidth, the AD9545 provides a built-in fast acquisition
(FACQ) feature that greatly reduces the lock time of the DPLL.
The FACQ feature works by automatically changing the DPLL
loop filter bandwidth in a controlled manner. When the FACQ
feature is active (see the FACQ Bandwidth Control section) the
FACQ controller uses the following bit fields to control the fast
acquisition process (where x is the PLL channel (0 or 1) and y is
the profile number (0 to 5)):
•
Profile x.y loop bandwidth
•
Profile x.y fast acquisition excess bandwidth
•
Profile x.y fast acquisition lock settle time
•
Profile x.y fast acquisition timeout
These bit fields reside in Register 0x1200 to Register 0x12B7
and Register 0x1600 to Register 0x16B7.
The controller begins the fast acquisition process by applying a
user defined excess bandwidth factor to the bandwidth
specified by the Profile x.y loop bandwidth bit field. The
controller then successively reduces the excess bandwidth until
it reaches the bandwidth specified by the Profile x.y loop
bandwidth bit field. At each step in the bandwidth reduction
process, however, the controller waits for the DPLL phase
detector to indicate lock status before moving on to the next
step (see Figure 70).
FACQ Status Indicators
While the FACQ controller is in the process of performing a fast
acquisition, it sets the DPLLx FACQ active bit (where x is 0 or 1).
When the FACQ controller finishes the fast acquisition
procedure it sets the DPLLx FACQ done bit (where x is 0 or 1).
The user can query these bits to determine the state of the fast
acquisition controller. These bits reside in Bits[D5:D4] of
Register 0x3102 and Register 0x3202.
These bits relate to the IRQ function (see the Interrupt Request
(IRQ) section) per the DPLLx fast acquisition started and
DPLLx fast acquisition complete bits (where x is 0 or 1) in
Bits[D3:D2] of Register 0x3012 and Register 0x3017. Because
these IRQ bits are latched bits, the user must clear them via
Bits[D3:D2] of Register 0x200D and Register 0x2012 to obtain
visibility of subsequent state transitions of the FACQ controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com