Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9545 Datasheet HTML 37Page - Analog Devices AD9545 Datasheet HTML 38Page - Analog Devices AD9545 Datasheet HTML 39Page - Analog Devices AD9545 Datasheet HTML 40Page - Analog Devices AD9545 Datasheet HTML 41Page - Analog Devices AD9545 Datasheet HTML 42Page - Analog Devices AD9545 Datasheet HTML 43Page - Analog Devices AD9545 Datasheet HTML 44Page - Analog Devices AD9545 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 41 of 157
REFERENCE DIVIDERS (R DIVIDERS)
Each reference input has a dedicated divider, Rx (where x is A,
AA, B, or BB). The primary purpose of the Rx dividers is to
reduce the input reference frequency (assuming it is greater
than 200 kHz) to a value between 1 Hz and 200 kHz to satisfy
the input frequency bounds of the TDC.
The user programs Rx via the 30-bit unsigned REFx R divide
ratio bit fields (where x is A, AA, B, or BB) in Register 0x0400
to Register 0x0403, Register 0x0420 to Register 0x0423,
Register 0x0440 to Register 0x0443, and Register 0x0460 to
Register 0x0463.
The divide ratio of Rx depends on the value, R, the user
programs in the REFx R divide ratio bit fields. The user must
program the bit field with a value one less than the desired
divide ratio. Thus, the Rx dividers provide divide ratios from 1
to 1,073,741,824.
For example, for an input reference frequency of 125 MHz and
the desired Rx output frequency of 125 kHz, a divide ratio of
1000 is required. Thus, the required bit field value is 999
(0x000003E7 hexadecimal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com