Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9545 Datasheet HTML 48Page - Analog Devices AD9545 Datasheet HTML 49Page - Analog Devices AD9545 Datasheet HTML 50Page - Analog Devices AD9545 Datasheet HTML 51Page - Analog Devices AD9545 Datasheet HTML 52Page - Analog Devices AD9545 Datasheet HTML 53Page - Analog Devices AD9545 Datasheet HTML 54Page - Analog Devices AD9545 Datasheet HTML 55Page - Analog Devices AD9545 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 52 of 157
To remedy this uncertainty, the user can force a driver pair to a
known state by means of the various driver reset bits.
Bit D2 of Register 0x2101 allows the user to reset all the driver
pairs of Channel 0. Bit D2 of Register 0x2201 allows the user to
reset all the driver pairs of Channel 1. The user can reset individual
driver pairs via Bit D5 of Register 0x2102 to Register 0x2104
and Register 0x2202 to Register 0x2203.
When a driver pair is in a differential configuration, resetting
the driver pair forces the OUTxyP driver to a Logic 0 state and
the OUTxyN driver to a Logic 1 state. When a driver pair is in a
single-ended configuration, resetting the driver pair forces the
OUTxyP and OUTxyN drivers to a Logic 0 state.
OUTPUT MUTING
Manual Output Muting
To mute all the drivers associated with PLL Channel 0 or
Channel 1 use the mute all Channel x drivers bit (Logic 0 by
default) in Bit D1 of Register 0x2101 and Register 0x2201. To
mute individual drivers use the dedicated mute OUTxy bits
(where x is 0 or 1 and y is A, AA, B, BB, C, or CC) in Bits[D3:D2]
of Register 0x2102 to Register 0x2104 and Register 0x2202 to
Register 0x2203. The mute OUTxy bits are Logic 1 (mute) by
default. The mute bits allow the user to turn off the clock signal
at the output pins without affecting the input clock signal to the
driver.
Automatic Output Unmuting
Automatic unmuting works in conjunction with the autosync
function (see the Autosync Trigger section). Part of the
synchronization sequence involves synchronously unmuting the
output drivers. The AD9545 provides the user options for the
timing of the unmuting of the output drivers.
To select the automatic unmute conditions, use the 2-bit DPLLx
autounmute mode bit field (where x is 0 or 1) in Bits[D1:D0]
of Register 0x10DC and Register 0x14DC. Table 34 shows the
autounmute conditions invoked by these bits. Note that
autounmute control applies to PLL Channel 0 and PLL
Channel 1, independently.
Table 34. Autounmute Conditions
DPLLx Autounmute Mode
Bit Field Value (Decimal)
Automatic Unmute Condition
0
Immediate (default)
1
Upon activation of a hitless profile
2
Upon phase lock (hitless mode only)
3
Upon frequency lock (hitless
mode only)
When DPLLx autounmute mode = 0 (default), the drivers
unmute immediately upon release of the sync request. When
DPLLx autounmute mode = 1, the drivers do not unmute until
release of the sync request and subsequent activation of a
hitless/zero delay profile. When DPLLx autounmute mode = 2,
the drivers do not unmute until release of the sync request and
subsequent phase lock of the appropriate PLL channel
(assuming a hitless/zero delay profile). When DPLLx
autounmute mode = 3, the drivers do not unmute until release
of the sync request and subsequent frequency lock of the
appropriate PLL channel (assuming a hitless/zero delay profile).
The user can also selectively opt out of the autounmuting
feature on a per output basis. The mask OUTxy autounmute
bits (Logic 0 by default) accomplish this function (where x is 0
or 1 and y is A, AA, B, BB, C, or CC) in Bits[D7:D2] of
Register 0x10DC and Bits[D5:D2] of Register 0x14DC.
After an automute event occurs for a particular PLL channel,
the user can clear the automute state by setting the associated
Channel x automute clear bit (Logic 0 by default) in Bit D4 of
Register 0x2107 and Register 0x2207. However, this action is
generally unnecessary, because the device automatically clears
the automute state whenever the user changes the DPLLx
autounmute mode bit field and issues an IO_UPDATE operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com