Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 92 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9545 Datasheet HTML 88Page - Analog Devices AD9545 Datasheet HTML 89Page - Analog Devices AD9545 Datasheet HTML 90Page - Analog Devices AD9545 Datasheet HTML 91Page - Analog Devices AD9545 Datasheet HTML 92Page - Analog Devices AD9545 Datasheet HTML 93Page - Analog Devices AD9545 Datasheet HTML 94Page - Analog Devices AD9545 Datasheet HTML 95Page - Analog Devices AD9545 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 92 of 157
To specify a hold off period, program the 8-bit unsigned DPLLx
history hold off time bit field (where x is 0 or 1) in Register 0x1010
and Register 0x1410 with a non-zero value. The hold off period
relates to the bit field value as follows:
Hold off period = DPLLx history hold off time × (tHAT
/8)
where tHAT is the time specified by the DPLLx history accumulation
timer bit field (where x is 0 or 1). See the Averaging Processor
Windowed Average section for details on the DPLLx history
accumulation timer bit field.
The timed delay (if enabled) is also in effect following a
pause/restart trigger event (see the Averaging Processor
Continue or Reset section).
Averaging Processor Windowed Average
The DPLLX History Accumulation Timer Bit Field
In general, the averaging processor collects tuning word
samples generated by the loop filter and computes an average of
the tuning word samples. The user specifies an averaging
window for the rolling average time span via the 28-bit
unsigned DPLLx history accumulation timer bit field (where x
is 0 or 1). The DPLLx history accumulation timer bit field resides
in Register 0x100A to Register 0x100D and Register 0x140A to
Register 0x140D.
The units associated with the DPLLx history accumulation
timer bit field are milliseconds. The 28-bit range of the DPLLx
history accumulation timer bit field allows averaging time spans
from 0.001 sec to 268,435.455 sec (~74.5 hours). The default
value (0x0000000A) of the DPLLx history accumulation timer
provides an averaging window time span of 10 ms.
The averaging window time span relates to the value of the
DPLLx history accumulation timer bit field as follows:
Time span = DPLLx history accumulation timer × 10−3
The recommended minimum averaging window time span is at
least 10 times the minimum expected period of the signal at the
input to the phase/frequency detector of the DPLL.
Determine the value of the DPLLx history accumulation timer
bit field necessary to provide a 15-minute windowed average.
Solving the time span equation for the bit field value yields:
DPLLx History Accumulation = Time span × 1000
= (15 × 60) × 1000
= 900,000
= 0x00DBBA0 (hexadecimal)
Programming DPLLx history accumulation timer = 0 is a
special case; it bypasses the averaging processor by routing
tuning word samples from the digital loop filter to both the
DPLL NCO and the 46-bit tuning word history bit field. Thus,
programming DPLLx history accumulation timer = 0 makes it
possible to monitor tuning words directly from the loop filter as
they are applied to the DPLL NCO. The DPLLx history available
status bit (Bit D0 of Register 0x3102 and Register 0x3202) is Logic 0
when DPLLx history accumulation timer = 0.
Changing the value of the DPLLx history accumulation timer
bit field exhibits different behavior depending on the current
state of the history circuit. The value matters only during hold
off and active operation, in which case the history processor
uses the new value (though there may be a delay associated
with the old value before the update takes effect). The circuit
does not change states when the value of the DPLLx history
accumulation timer bit field is changed.
Updating the timer value while actively collecting history causes
future intervals to conform to the new value. If the elapsed
period of the current interval exceeds that of the new interval,
the next interval begins immediately. Otherwise, the current
interval conforms to the new value.
However, if the history circuit is in the hold-off state (see the
Averaging Processor Delay section), behavior is slightly
different. The number of 1/8th intervals already completed
remains unchanged regardless of the actual time elapsed. Future
1/8th intervals uses the new period. However, the current 1/8th
interval continues to use the old value.
Note that changing the DPLLx history hold off time bit field
value (see the Averaging Processor Delay section) has no effect
until the beginning of the next hold-off period (in its entirety,
not a sub-interval). If the behavior associated with the hold-off
period, due to updating either the history period or the hold-off
value, needs to reflect the new value as soon as possible, the
user can restore the history circuit to its initialization state via
the DPLLx clear history bit (see the DPLLx Clear History Bit
section).
Tuning Word Averaging Process
In operation, the averaging processor performs averaging by
partitioning the time span defined by the DPLLx history
accumulation timer bit field into eight subintervals. During
each sub-interval, the averaging processor computes the average
of the tuning word samples for that subinterval. A full tuning
word average, as defined by the DPLLx history accumulation
timer bit field, constitutes the average of eight consecutive sub-
interval averages.
At the termination of each successive sub-interval (given the
averaging processor has set the DPLLx history available bit) the
averaging processor triggers the following events:
•
Update the rolling average computation
•
Save the result to the DPLLx tuning word history bit field
•
Update the IRQ circuitry via the DPLLx history update bit
As such, at the end of each subinterval, the averaging processor
stores the result of the updated rolling average computation in
the DPLLx tuning word history bit field. At the same time, the
averaging processor sets the DPLLx history updated bit to Logic 1.
The DPLLx history updated bit provides the user with a
mechanism for knowing when the DPLLx tuning word history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com