Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9545 Datasheet HTML 24Page - Analog Devices AD9545 Datasheet HTML 25Page - Analog Devices AD9545 Datasheet HTML 26Page - Analog Devices AD9545 Datasheet HTML 27Page - Analog Devices AD9545 Datasheet HTML 28Page - Analog Devices AD9545 Datasheet HTML 29Page - Analog Devices AD9545 Datasheet HTML 30Page - Analog Devices AD9545 Datasheet HTML 31Page - Analog Devices AD9545 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 28 of 157
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 255fs
PHASE NOISE (dBc/Hz):
10Hz
–81
100Hz
–98
1kHz
–118
10kHz
–128
100kHz
–132
1MHz
–143
10MHz
–158
>30MHz
–160
FLOOR
–162
fOUT = 155.52MHz
Figure 9. Absolute Phase Noise (PLL1, Configuration 1, HCSL Mode,
fREF = 38.88 MHz, fOUT = 155.52 MHz, fOSC = 52 MHz Crystal,
50 Hz DPLL BW)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 280fs
PHASE NOISE (dBc/Hz):
10Hz
–76
100Hz
–93
1kHz
–114
10kHz
–124
100kHz
–127
1MHz
–138
10MHz
–156
>30MHz
–159
FLOOR
–161
fOUT = 245.76MHz
Figure 10. Absolute Phase Noise (PLL1, Configuration 2, HCSL Mode,
fREF = 30.72 MHz, fOUT = 245.76 MHz, fOSC = 52 MHz Crystal,
50 Hz DPLL BW)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 322.7fs
PHASE NOISE (dBc/Hz):
10Hz
–74
100Hz
–90
1kHz
–108
10kHz
–118
100kHz
–120
1MHz
–131
10MHz
–150
>30MHz
–154
FLOOR
–160
fOUT = 491.52MHz
Figure 11. Absolute Phase Noise (PLL1, Configuration 3, HCSL Mode,
fREF = 1 Hz, fOUT = 491.52 MHz, fCOMP = 19.2 MHz TCXO,
fOSC = 52 MHz Crystal, 0.5 Hz DPLL BW)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 243fs
PHASE NOISE (dBc/Hz):
10Hz
–83
100Hz
–106
1kHz
–120
10kHz
–131
100kHz
–135
1MHz
–145
10MHz
–160
>30MHz
–160
FLOOR
–163
fOUT = 125.0MHz
Figure 12. Absolute Phase Noise (PLL1, Configuration 4, HCSL Mode,
fREF = 125 MHz, fOUT = 125 MHz, fCOMP = 19.2 MHz TCXO,
fOSC = 52 MHz Crystal, 0.1 Hz DPLL BW, Phase Buildout Mode)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 266fs
PHASE NOISE (dBc/Hz):
10Hz
–73
100Hz
–91
1kHz
–112
10kHz
–122
100kHz
–125
1MHz
–137
10MHz
–154
>30MHz
–158
FLOOR
–161
fOUT = 312.5MHz
Figure 13. Absolute Phase Noise (PLL1, Configuration 5, HCSL Mode,
fREF = 25 MHz, fOUT = 312.5 MHz, fOSC = 52 MHz Crystal, 50 Hz DPLL BW,
Phase Buildout Mode)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 264fs
PHASE NOISE (dBc/Hz):
10Hz
–77
100Hz
–99
1kHz
–117
10kHz
–127
100kHz
–131
1MHz
–142
10MHz
–158
>30MHz
–159
FLOOR
–161
fOUT = 174.7MHz
Figure 14. Absolute Phase Noise (PLL1, Configuration 6, HCSL Mode,
fREF = 155.52 MHz, fOUT = 174.7 MHz, fOSC = 52 MHz Crystal,
50 Hz DPLL BW, Phase Buildout Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com