Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 71 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9545 Datasheet HTML 67Page - Analog Devices AD9545 Datasheet HTML 68Page - Analog Devices AD9545 Datasheet HTML 69Page - Analog Devices AD9545 Datasheet HTML 70Page - Analog Devices AD9545 Datasheet HTML 71Page - Analog Devices AD9545 Datasheet HTML 72Page - Analog Devices AD9545 Datasheet HTML 73Page - Analog Devices AD9545 Datasheet HTML 74Page - Analog Devices AD9545 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 71 of 157
PROFILE ENABLE
For a DPLL channel to have access to a translation profile, the user
must enable the profile via its corresponding enable Profile x.y
bit (where x is the PLL channel (0 or 1) and y is the profile
number (0 to 5)). The enable Profile x.y bit resides in Bit D0 of
Register 0x1200, Register 0x1220, Register 0x1240, Register
0x1260, Register 0x1280, Register 0x12A0, Register 0x1600,
0x1620, Register 0x1640, Register 0x1660, Register 0x1680, and
Register 0x16A0. To enable a translation profile, program the
corresponding enable Profile x.y bit to Logic 1 (default is Logic 0).
If the translation profile is enabled, the DPLL selects the profile
and the profile becomes active (see the Reference Switching
section for what constitutes an active translation profile).
Certain functional blocks within the AD9545 use the
active/inactive state of a translation profile.
PROFILE PRIORITY
Profile priority works in conjunction with the reference
switching capability of the AD9545 (see the Reference
Switching section). The user programs a priority value via the
5-bit unsigned Profile x.y selection priority bit field (where x is
the PLL channel (0 or 1) and y is the profile number (0 to 5)) in
the register associated with the corresponding translation profile.
The Profile x.y selection priority bit fields reside in Bits[D5:D1]
of Register 0x1200, Register 0x1220, Register 0x1240, Register
0x1260, Register 0x1280, Register 0x12A0, Register 0x1600,
Register 0x1620, Register 0x1640, Register 0x1660, Register 0x1680,
and Register 0x16A0.
When the device must switch from one input reference to
another, it can do so according to user defined priority per the
value stored in the Profile x.y selection priority bit field, where 0
constitutes highest priority and 31 lowest priority.
INPUT REFERENCE SOURCE SELECTION
The AD9545 provides the user with several options for the
reference source that supplies the input clock signal to the
DPLL. These options include any one of the four REFx inputs,
either of the two auxiliary NCOs, and a special configuration
that uses the feedback signal from the other DPLL channel.
Each translation profile can specify a different reference source.
Program the source selection via the 5-bit Profile x.y reference
source selection bit field (where x is the PLL channel (0 or 1)
and y is the profile number (0 to 5)) in the register associated
with the corresponding translation profile. The Profile x.y
reference source selection bit fields reside in Bits[D4:D0] of
Register 0x1201, Register 0x1221, Register 0x1241, Register 0x1261,
Register 0x1281, Register 0x12A1, Register 0x1601, Register
0x1621, Register 0x1641, Register 0x1661, Register 0x1681, and
Register 0x16A1. The bit field value assigns the source, as
shown in Table 38.
Table 38. Reference Source Selection
Bit Field Value (Decimal)
Source
0
REFA
1
REFAA
2
REFB
3
REFBB
4
Feedback from DPLL0 (applies to
Channel 1 only)
5
Feedback from DPLL1 (applies to
Channel 0 only)
6
Not applicable
7
Not applicable
8
Auxiliary NCO 0
9
Auxiliary NCO 1
10 to 31
Not applicable
TRANSLATION MODES
Overview
The translation modes govern the way the DPLL responds
when it acquires a reference signal. In general, at the start of a
reference acquisition, the feedback of the DPLL and reference
signals do not have the same phase relationship. As such, when
the DPLL begins an acquisition, it likely exhibits a significant
output disturbance as the loop attempts to compensate for the
phase mismatch. To deal with the output disturbance that
typically results from a reference acquisition, the AD9545 offers
two translation mode types: phase buildout and hitless.
A phase buildout acquisition virtually eliminates the output
disturbance that results from an initial phase mismatch. During
a phase buildout acquisition, the DPLL effectively measures the
initial phase offset between its feedback and reference inputs
and inserts the measured phase offset into the feedback path of
the loop. The measured phase offset is the phase buildout offset.
Insertion of the phase buildout offset into the loop effectively
eliminates the initial phase difference between the feedback and
reference signals, thereby minimizing the disturbance at the
output of the DPLL. The insertion of the phase buildout offset
implies a phase difference between the output of the DPLL and
reference clock signals. This phase difference is the expected
behavior for a phase buildout reference acquisition.
Note that during a phase buildout acquisition, the phase slew
rate limit function does not operate on the buildout phase
transition (see the Phase Slew Rate Limit section of the Digital
PLL (DPLL) section for details on the phase slew rate limiter).
Unlike a phase buildout acquisition, a hitless acquisition
ultimately results in a phase matching of output of the DPLL
and reference clock signals. As such, a hitless translation mode
is a prerequisite for zero delay operation. Given a phase
mismatch between the reference of the DPLL and feedback
signals at the start of an acquisition, the DPLL temporarily
changes its output frequency to steer the phase difference
toward zero. The AD9545 optimizes this process by assessing
the initial phase relationship between the reference and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com