Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 88 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9545 Datasheet HTML 84Page - Analog Devices AD9545 Datasheet HTML 85Page - Analog Devices AD9545 Datasheet HTML 86Page - Analog Devices AD9545 Datasheet HTML 87Page - Analog Devices AD9545 Datasheet HTML 88Page - Analog Devices AD9545 Datasheet HTML 89Page - Analog Devices AD9545 Datasheet HTML 90Page - Analog Devices AD9545 Datasheet HTML 91Page - Analog Devices AD9545 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 88 of 157
FACQ Trigger
The preceding text describes the timing of the fast acquisition
process but not what triggers it. The user controls what triggers
the fast acquisition process per the following four bits that
reside in Bits[D3:D0] of Register 0x2106 and Register 0x2206:
•
Enable DPLLx fast acquisition from freerun
•
Enable DPLLx fast acquisition from holdover
•
Enable DPLLx fast acquisition first
•
Enable DPLLx fast acquisition no output
The FACQ controller treats the specific restrictions implied by
these bits in logical OR fashion. That is, the controller obeys all
the restrictions that apply per the set bits. Note that when all
four of these bits are Logic 0, no restrictions apply. That is, the
FACQ controller is completely unrestricted; the DPLL always
uses fast acquisition. However, making any one of these bits
Logic 1 puts the FACQ controller into a restricted operating
mode where it must obey the restrictions explicitly as follows.
Fast acquisition triggers under four sets of conditions.
•
When the enable DPLLx fast acquisition from freerun bit is
Logic 1 and the DPLL enters closed-loop operation from
freerun mode, fast acquisition triggers.
•
When the enable DPLLx fast acquisition from holdover bit
is Logic 1 and the DPLL enters closed-loop operation from
holdover mode, fast acquisition triggers
•
When the enable DPLLx fast acquisition first is Logic 1 and
this is the first execution of the fast acquisition process, fast
acquisition triggers. That is, the FACQ controller has not
completed a fast acquisition sequence previously (more
specifically, when the FACQ done bit is Logic 0). When the
FACQ done bit is Logic 1, the user can clear it by writing
Logic 1 to the autoclearing clear DPLLx fast acquisition
done bit in Bit D3 of Register 0x2107 or Register 0x2207.
This provides a mechanism to have subsequent first
acquisition events.
•
When the enable DPLLx fast acquisition no output is Logic 1,
and all the DPLLx clock distribution outputs are not
toggling, fast acquisition triggers.
As an example of FACQ trigger control, assume the enable
DPLLx fast acquisition from holdover and enable DPLLx fast
acquisition first bits are both Logic 1 and that DPLL enters
closed-loop operation from freerun mode, which does not
satisfy the first condition. However, because there is a second
restriction, and the device treats the restrictions in logical OR
fashion, the status of the second constraint applies. As such, if
the entry of the DPLL into closed-loop operation from freerun
mode happens to be the first acquisition in the DPLL, a fast
acquisition is in effect (otherwise, a normal acquisition results).
Next, assume the DPLL enters closed-loop operation from
holdover, which satisfies the first condition. As such, the DPLL
employs fast acquisition (the first acquisition restriction is
immaterial in this case).
DPLL PHASE OFFSET CONTROL
In general, the feedback loop of the DPLL (like the APLL) tends
to force the average phase offset between the two inputs of the
digital phase detector to zero (see Figure 74). As a result,
assuming integer-N operation (that is, the N-divider is not
fractional), the DPLL input and output signals are edge aligned
(or exhibit a constant time offset due to path latency).
The AD9545 DPLLs provide the ability to impose a programmable
time offset (tOFST) between the input and feedback signals by
means of a summing node at the feedback input of the digital
phase detector. To insert a time offset, use the 40-bit signed
DPLLx phase offset bit field (where x is 0 or 1), which has units
of picoseconds. The DPLLx phase offset bit fields reside in
Register 0x1015 to Register 0x1019 and Register 0x1415 to
Register 0x1419).
Two other sources for applying a phase offset also feed the
summing node (not explicitly shown in Figure 74). One is via
the source profiles (see the Skew Adjustment section of the
Source Profiles section) and the other is via the delay
compensation feature (see the Delay Compensation sect ion).
DIGITAL
PHASE
DETECTOR
N-DIVIDER
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
DPLLx
PHASE OFFSET
NCO
LOCK
DETECTORS
FTW
PROCESSOR
DPLLx FREERUN
TUNING WORD
46
tOFST
40
–
0
+
–
LOOP
CONTROLLER
XOA XOB
AD9545
TDC
TDC
TEXT
= BIT(S) IN THE REGISTER MAP
48-BIT
FTW
DIGITAL
CROSS
POINT
MUX
Figure 74. DPLL Phase Offset Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com