Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9545
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9545 Datasheet HTML 11Page - Analog Devices AD9545 Datasheet HTML 12Page - Analog Devices AD9545 Datasheet HTML 13Page - Analog Devices AD9545 Datasheet HTML 14Page - Analog Devices AD9545 Datasheet HTML 15Page - Analog Devices AD9545 Datasheet HTML 16Page - Analog Devices AD9545 Datasheet HTML 17Page - Analog Devices AD9545 Datasheet HTML 18Page - Analog Devices AD9545 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 15 of 157
DIGITAL PLL (DPLL0, DPLL1) SPECIFICATIONS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL PLL
Digital Phase Detector (DPD)
Input Frequency Range
1
2 × 105
Hz
Loop Filter
Profile 0
Bandwidth
0.0001
1850
Hz
Programmable design parameter; (fPFD/bandwidth) ≥ 20
Phase Margin
70
Degrees
Closed-Loop Peaking
1.1
dB
Profile 1
Bandwidth
0.0001
305
Hz
Programmable design parameter; (fPFD/bandwidth) ≥ 20
Phase Margin
88.5
Degrees
Closed-Loop Peaking
0.1
dB
In accordance with Telcordia GR-253 jitter transfer specifications
DIGITAL PLL NCO Division Ratio
These specifications cover limitations on the DPLLx frequency
tuning word (FTW0); the AD9545 evaluation software frequency
planning wizard sets these values automatically for the user, and
the AD9545 evaluation software is available for download from
the AD9545 product page at www.analog.com/AD9545; NCO
division = 248/FTW0, which takes the form of INT.FRAC, where INT
is the integer portion, and FRAC is the fractional portion
NCO Integer
7
13
This is the integer portion of NCO division
NCO Fraction
0.05
0.95
This is the fractional portion of NCO division
DIGITAL PLL LOCK DETECTION SPECIFICATIONS
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE LOCK DETECTOR
Threshold Programming Range
10
224 − 1
ps
Threshold Resolution
1
ps
FREQUENCY LOCK DETECTOR
Threshold Programming Range
10
224 − 1
ps
Threshold Resolution
1
ps
PHASE STEP DETECTOR
Threshold Programming Range
100
232 − 1
ps
Setting this value too low causes false triggers
Threshold Resolution
1
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com