Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 116 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 116 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 112Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 113Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 114Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 115Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 116Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 117Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 118Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 119Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 222 page
background image
Offset Error
116
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
Table 5-55 shows the CMPSS DAC static electrical characteristics. Figure 5-41 shows the CMPSS DAC
static offset. Figure 5-42 shows the CMPSS DAC static gain. Figure 5-43 shows the CMPSS DAC static
linearity.
(1)
Includes comparator input referred errors.
(2)
Disturbance error may be present on the CMPSS DAC output for a certain amount of time after a comparator trip.
(3)
Per active CMPSS module.
Table 5-55. CMPSS DAC Static Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMPSS DAC output range
Internal reference
0
VDDA
V
External reference
0
VDAC
Static offset error(1)
–25
25
mV
Static gain error(1)
–2
2
% of FSR
Static DNL
Endpoint corrected
>–1
4
LSB
Static INL
Endpoint corrected
–16
16
LSB
Settling time
Settling to 1 LSB after full-scale output
change
1
µs
Resolution
12
bits
CMPSS DAC output disturbance(2)
Error induced by comparator trip or
CMPSS DAC code change within the
same CMPSS module
–100
100
LSB
CMPSS DAC disturbance time (2)
200
ns
VDAC reference voltage
When VDAC is reference
2.4
2.5 or 3.0
VDDA
V
VDAC load(3)
When VDAC is reference
6
kΩ
Figure 5-41. CMPSS DAC Static Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com